Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4211 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADF4211
Descripción Electrónicos  Dual RF/IF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4211 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4211_15 Datasheet HTML 4Page - Analog Devices ADF4211_15 Datasheet HTML 5Page - Analog Devices ADF4211_15 Datasheet HTML 6Page - Analog Devices ADF4211_15 Datasheet HTML 7Page - Analog Devices ADF4211_15 Datasheet HTML 8Page - Analog Devices ADF4211_15 Datasheet HTML 9Page - Analog Devices ADF4211_15 Datasheet HTML 10Page - Analog Devices ADF4211_15 Datasheet HTML 11Page - Analog Devices ADF4211_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. A
ADF4210/ADF4211/ADF4212/ADF4213
–8–
–2MHz
–1MHz
3100MHz
+1MHz
+2MHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
REFERENCE
LEVEL = –17.2dBm
–80.6dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 13. ADF4213 Reference Spurs (2800 MHz, 1 MHz,
100 kHz)
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 3V
TPC 14. ADF4213 Phase Noise vs. Temperature (900 MHz,
200 kHz, 20 kHz)
TUNING VOLTAGE – Volts
5
02
3
4
–105
–75
–85
–95
–5
1
VDD = 3V
VP = 5V
–65
–35
–45
–55
–15
–25
TPC 15. ADF4213 Reference Spurs (200 kHz) vs. V TUNE
(900 MHz, 200 kHz, 20 kHz)
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–180
–140
–150
–160
–170
–120
–130
10
VDD = 3V
VP = 5V
TPC 16. ADF4213 Phase Noise (Referred to CP Output)
vs. PFD Frequency
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 5V
TPC 17. ADF4213 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 5V
TPC 18. ADF4213 Phase Noise vs. Temperature
(836 MHz, 30 kHz, 3 kHz)


Número de pieza similar - ADF4211_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4211BCP AD-ADF4211BCP Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211BRU AD-ADF4211BRU Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
More results

Descripción similar - ADF4211_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4218 AD-ADF4218 Datasheet
227Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com