Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1284-Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SK1284-Z
Descripción Electrónicos  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1284-Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1284-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK1284-Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK1284-Z Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK1284-Z Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SK1284-Z Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
100
V
Zero Gate Voltage Drain Current
IDSS
VDS=100V, VGS=0V
10
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±10V
±
10
uA
Gate Cut-off Voltage
VGS(off)
VDS=10 V ID=1mA
1
2.5
V
VGS=10V, ID=2 A
320
VGS=4V, ID=2 A
400
Forward Transconductance
gFS
VDS=10V, ID=2 A
2.4
S
Input Capacitance
Ciss
500
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
13
Gate Source Charge
Qgs
3
Gate Drain Charge
Qgd
2
Turn-On DelayTime
td(on)
40
Turn-On Rise Time
tr
55
Turn-Off DelayTime
td(off)
500
Turn-Off Fall Time
tf
120
Body Diode Reverse Recovery Time
trr
140
Body Diode Reverse Recovery Charge
Qrr
250
nC
pF
Static Drain-Source On-Resistance
RDS(On)
VGS=10V, VDS=50V, ID=2A,
RL=25Ω,RG=10Ω
VGS=0V, VDS=10V, f=1MHz
VGS=10V, VDS=80V, ID=3A
nC
ns
IF= 3A, VGS=0, dI/dt= 50A/μs
N-Channel MOSFET
2SK1284-Z
Diode Forward Voltage
VSD
IS=3A,VGS=0V
0.9
V


Número de pieza similar - 2SK1284-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK1284-Z NEC-2SK1284-Z Datasheet
381Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Descripción similar - 2SK1284-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com