Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1399 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SK1399
Descripción Electrónicos  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1399 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1399_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK1399_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK1399_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
2SK1399
Typical Characterisitics
0
20
40
60
80 100 120 140 160
0
40
20
80
60
100
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tc - Case Temperature - ˚C
TA - Ambient Temperature - ˚C
0
0
120
30
60
90
150
210
180
240
50
100
150
200
250
300
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
2
5
.
0
1
1.5
20
60
40
0
0
80
100
2.5 V
VGS = 4.5 V
4.0 V
Pulse measurement
TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
7
8
5
6
3
4
0
1
2
100
10
1
0.1
0.01
VDS = 3.0 V
Pulse measurement
TA = 150˚C
75˚C
25˚C
–25˚C
150
2.0
1.5
1.0
0.5
50
100
0
Tch - Channel Temperature - ˚C
VDS = 3.0 V
ID = 1 µA
GATE TO SOURCE CUT-OFF VOLTAGE
vs. CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
10 20
50 100 200 500 1000
ID - Drain Current - mA
100
200
500
1000
10
20
50
1
5
VDS = 5.0 V
f = 1 kHz


Número de pieza similar - 2SK1399_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK1399-3 KEXIN-2SK1399-3 Datasheet
845Kb / 3P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SK1399-T1B-A VBSEMI-2SK1399-T1B-A Datasheet
1,004Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - 2SK1399_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com