Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4252 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADF4252
Descripción Electrónicos  Dual Fractional-N/Integer-N Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4252 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4252_15 Datasheet HTML 3Page - Analog Devices ADF4252_15 Datasheet HTML 4Page - Analog Devices ADF4252_15 Datasheet HTML 5Page - Analog Devices ADF4252_15 Datasheet HTML 6Page - Analog Devices ADF4252_15 Datasheet HTML 7Page - Analog Devices ADF4252_15 Datasheet HTML 8Page - Analog Devices ADF4252_15 Datasheet HTML 9Page - Analog Devices ADF4252_15 Datasheet HTML 10Page - Analog Devices ADF4252_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. B
Typical Performance Characteristics–ADF4252
–7–
TPC plots 1 to 12 attained using EVAL-ADF4252EB1;
measurements from HP8562E spectrum analyzer.
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
– 99.19dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 1. Phase Noise Plot, Lowest Noise Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–90.36dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 2. Phase Noise Plot, Low Noise and Spur
Mode, 1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–85.86dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 3. Phase Noise Plot, Lowest Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
–50dBc@
100kHz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
TPC 4. Spurious Plot, Lowest Noise Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–51dBc@
100kHz
TPC 5. Spurious Plot, Low Noise and Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–72dBc@
100kHz
TPC 6. Spurious Plot, Lowest Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution


Número de pieza similar - ADF4252_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4252BCP AD-ADF4252BCP Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCP-REEL AD-ADF4252BCP-REEL Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCP-REEL7 AD-ADF4252BCP-REEL7 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252BCPZ AD-ADF4252BCPZ Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-R7 AD-ADF4252BCPZ-R7 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

Descripción similar - ADF4252_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com