Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF7021 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADF7021
Descripción Electrónicos  High Performance Narrow-Band Transceiver IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7021_15 Datasheet HTML 3Page - Analog Devices ADF7021_15 Datasheet HTML 4Page - Analog Devices ADF7021_15 Datasheet HTML 5Page - Analog Devices ADF7021_15 Datasheet HTML 6Page - Analog Devices ADF7021_15 Datasheet HTML 7Page - Analog Devices ADF7021_15 Datasheet HTML 8Page - Analog Devices ADF7021_15 Datasheet HTML 9Page - Analog Devices ADF7021_15 Datasheet HTML 10Page - Analog Devices ADF7021_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Data Sheet
ADF7021
Rev. C | Page 7 of 62
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SPURIOUS EMISSIONS
Reference Spurs
−65
dBc
100 kHz loop bandwidth
HARMONICS5
13 dBm output power, unfiltered conductive/filtered conductive
Second Harmonic
−35/−52
dBc
Third Harmonic
−43/−60
dBc
All Other Harmonics
−36/−65
dBc
OPTIMUM PA LOAD IMPEDANCE6
fRF = 915 MHz
39 + j61
Ω
fRF = 868 MHz
48 + j54
Ω
fRF = 450 MHz
98 + j65
Ω
fRF = 426 MHz
100 + j65
Ω
fRF = 315 MHz
129 + j63
Ω
fRF = 175 MHz
173 + j49
Ω
1 Using Gaussian or raised cosine filtering. Choose the frequency deviation to ensure that the transmit occupied signal bandwidth is within the receiverIF filter
bandwidth.
2 Using raised cosine filtering with an alpha = 0.7. The inner frequency deviation = 1.78 kHz, and the POST_DEMOD_BW = 24.6 kHz.
3 For the definition of frequency deviation, refer to the Register 2—Transmit Modulation Register section.
4 Measured as maximum unmodulated power.
5 Conductive filtered harmonic emissions measured on the EVAL-ADF7021DBx, which includes a T-stage harmonic filter (two inductors and one capacitor).
6 For matching details, refer to the LNA/PA Matching section.


Número de pieza similar - ADF7021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NDF AD-ADF7021-NDF Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
More results

Descripción similar - ADF7021_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com