Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF7901 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADF7901
Descripción Electrónicos  High Performance ISM Band OOK/FSK Transmitter IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF7901 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7901_15 Datasheet HTML 4Page - Analog Devices ADF7901_15 Datasheet HTML 5Page - Analog Devices ADF7901_15 Datasheet HTML 6Page - Analog Devices ADF7901_15 Datasheet HTML 7Page - Analog Devices ADF7901_15 Datasheet HTML 8Page - Analog Devices ADF7901_15 Datasheet HTML 9Page - Analog Devices ADF7901_15 Datasheet HTML 10Page - Analog Devices ADF7901_15 Datasheet HTML 11Page - Analog Devices ADF7901_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADF7901
Rev. A| Page 11 of 12
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153AD
Figure 9. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADF7901BRU
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
ADF7901BRU-REEL
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
ADF7901BRU-REEL7
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
ADF7901BRUZ1
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
ADF7901BRUZ-RL1
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
ADF7901BRUZ-RL71
0°C to 50°C
24-Lead Thin Shrink Small Outline Package (TSSOP)
RU-24
EVAL-ADF7901EB
Evaluation Board
1 Z = Pb-free part.


Número de pieza similar - ADF7901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7901BRU AD-ADF7901BRU Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7901BRU AD-ADF7901BRU Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL AD-ADF7901BRU-REEL Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRU-REEL7 AD-ADF7901BRU-REEL7 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901BRUZ-RL1 AD-ADF7901BRUZ-RL1 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results

Descripción similar - ADF7901_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com