Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2869-ZJ Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SK2869-ZJ
Descripción Electrónicos  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2869-ZJ Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2869-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SK2869-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
20
16
12
8
4
0
1
2
3
4
5
0
2
4
6
8
10
Tc = 75 C
25 C
–25 C
Drain to Source Voltage V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage V
(V)
GS
Typical Transfer Characteristics
V
= 10 V
Pulse Test
DS
50
40
30
20
10
3.5 V
4 V
5 V
V
= 3 V
GS
6 V
4.5 V
10 V
Pulse Test
0.1
1
10
0.2
5
0.5
0.02
0.05
0.01
0.10
0.08
0.06
0.04
0.02
–40
0
40
80
120
160
0
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
2
0.5
1.0
0.8
0.6
0.4
0.2
0
4
8
12
16
20
I = 15 A
D
5 A
10 A
50
20
0.2
0.1
V
= 4 V
GS
10 V
V
= 4 V
GS
10 V
2, 5 A
10 A
2, 5, 10 A
25 C
Tc = –25 C
75 C
Gate to Source Voltage V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature Tc (。C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
V
= 10 V
Pulse Test
DS
Pulse Test
N-Channel MOSFET
2SK2869-ZJ


Número de pieza similar - 2SK2869-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK2869 HITACHI-2SK2869 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2869 RENESAS-2SK2869 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Guangdong Kexin Industr...
2SK2869 KEXIN-2SK2869 Datasheet
45Kb / 1P
   N-Channel Silicon MOSFET
logo
Renesas Technology Corp
2SK2869L RENESAS-2SK2869L Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2869L VBSEMI-2SK2869L Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Descripción similar - 2SK2869-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com