Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPC2775GR Datasheet(PDF) 6 Page - NEC

No. de pieza UPC2775GR
Descripción Electrónicos  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPC2775GR Datasheet(HTML) 6 Page - NEC

Back Button UPC2775GR Datasheet HTML 2Page - NEC UPC2775GR Datasheet HTML 3Page - NEC UPC2775GR Datasheet HTML 4Page - NEC UPC2775GR Datasheet HTML 5Page - NEC UPC2775GR Datasheet HTML 6Page - NEC UPC2775GR Datasheet HTML 7Page - NEC UPC2775GR Datasheet HTML 8Page - NEC UPC2775GR Datasheet HTML 9Page - NEC UPC2775GR Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µPC2775GR/GS
6
Data Sheet P10194EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25 °C, VCC = 9 V, Note 2)
µPC2775GR/GS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current 1
(VHF)
ICC1
27.0
35.0
44.0
mA
no input signal Note 3
Circuit Current 2
(UHF)
ICC2
28.0
36.0
45.0
mA
no input signal Note 3
Conversion Gain 1
(VHF(L))
CG1
18.5
22.0
25.5
dB
fRF = 55 MHz, Pin = –30 dBm
Conversion Gain 2
(VHF(M))
CG2
18.5
22.0
25.5
dB
fRF = 200 MHz, Pin = –30 dBm
Conversion Gain 3
(VHF(H))
CG3
18.5
22.0
25.5
dB
fRF = 470 MHz, Pin = –30 dBm
Conversion Gain 4
(UHF(L))
CG4
24.5
28.0
31.5
dB
fRF = 470 MHz, Pin = –30 dBm
Conversion Gain 5
(UHF(H))
CG5
24.5
28.0
31.5
dB
fRF = 890 MHz, Pin = –30 dBm
Noise Figure 1
(VHF(L))
NF1
10.0
13.0
dB
fRF = 55 MHz
Noise Figure 2
(VHF(M))
NF2
10.0
13.0
dB
fRF = 200 MHz
Noise Figure 3
(VHF(H))
NF3
10.0
13.0
dB
fRF = 470 MHz
Noise Figure 4
(UHF(L))
NF4
9.0
12.0
dB
fRF = 470 MHz
Noise Figure 5
(UHF(H))
NF5
10.0
13.0
dB
fRF = 890 MHz
Maximum Output Level 1
(VHF(L))PO(SAT)1
4.0
7.0
dBm
fRF = 55 MHz, Pin = 0 dBm
Maximum Output Level 2
(VHF(M))PO(SAT)2
4.0
7.0
dBm
fRF = 200 MHz, Pin = 0 dBm
Maximum Output Level 3
(VHF(H))PO(SAT)3
4.0
7.0
dBm
fRF = 470 MHz, Pin = 0 dBm
Maximum Output Level 4
(UHF(L))PO(SAT)4
3.5
6.5
dBm
fRF = 470 MHz, Pin = 0 dBm
Maximum Output Level 5
(UHF(H))PO(SAT)5
3.5
6.5
dBm
fRF = 890 MHz, Pin = 0 dBm
Notes 2 By measurement circuit
3 no resistance of IF output
In case of R = 470
Ω; VHF: 45.2 mA (TYP.), UHF: 46.7 mA (TYP.)
STANDARD CHARACTERISTICS (TA = 25 °C, VCC = 9 V)
µPC2775GR/GS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
1 % Cross-Modulation
CM1
88.0
dB
µ
fRF = 55 MHz, Pin = –30 dBm
Distortion 1
(VHF(L))
1 % Cross-Modulation
CM2
88.0
dB
µ
fRF = 200 MHz, Pin = –30 dBm
Distortion 2
(VHF(M))
1 % Cross-Modulation
CM3
88.0
dB
µ
fRF = 470 MHz, Pin = –30 dBm
Distortion 3
(VHF(H))
1 % Cross-Modulation
CM4
83.0
dB
µ
fRF = 470 MHz, Pin = –30 dBm
Distortion 4
(UHF(L))
1 % Cross-Modulation
CM5
83.0
dB
µ
fRF = 890 MHz, Pin = –30 dBm
Distortion 5
(UHF(H))


Número de pieza similar - UPC2775GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPC2771T NEC-UPC2771T Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2771T NEC-UPC2771T Datasheet
84Kb / 4P
   3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2771T RENESAS-UPC2771T Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771T RENESAS-UPC2771T Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2771T RENESAS-UPC2771T Datasheet
327Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Descripción similar - UPC2775GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPC2797GR NEC-UPC2797GR Datasheet
143Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC2794GS NEC-UPC2794GS Datasheet
142Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com