Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM10KW Datasheet(PDF) 2 Page - Protek Devices

No. de pieza SM10KW
Descripción Electrónicos  60 KILOWATT TVS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PROTEC [Protek Devices]
Página de inicio  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM10KW Datasheet(HTML) 2 Page - Protek Devices

  SM10KW_15 Datasheet HTML 1Page - Protek Devices SM10KW_15 Datasheet HTML 2Page - Protek Devices SM10KW_15 Datasheet HTML 3Page - Protek Devices SM10KW_15 Datasheet HTML 4Page - Protek Devices SM10KW_15 Datasheet HTML 5Page - Protek Devices SM10KW_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05468.R2 2/15
Page 2
SM10KW12A - SM10KW36A
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
60
kilowatts
Storage Temperature
T
STG
-55 to +150
°C
Operating Temperature
T
L
-55 to +150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 8/20µS
V
C @ IPP
MIN
V
(BR)
VOLTS
@I
T
mA
SM10KW12A
10U12
12
13.4
5
8
24.0V @ 2500A
SM10KW22A
10U22
22
24.4
5
8
40.2V @ 1492A
SM10KW24A
10U24
24
26.8
5
8
48.3V @ 1242A
SM10KW28A
10U28
28
31.2
5
8
56.1V @ 1069A
SM10KW30A
10U30
30
33.5
5
8
60.3V @ 995A
SM10KW33A
10U33
33
36.8
5
8
66.0 @ 909A
SM10KW36A
10U36
36
40.0
5
8
72.3V @ 829A


Número de pieza similar - SM10KW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
SM10KW12A PROTEC-SM10KW12A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
SM10KW22A PROTEC-SM10KW22A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
SM10KW24A PROTEC-SM10KW24A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
SM10KW28A PROTEC-SM10KW28A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
More results

Descripción similar - SM10KW_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
PRSB6.8C PROTEC-PRSB6.8C_07 Datasheet
70Kb / 4P
   STANDARD TVS COMPONENTS
PRSB6.8CF PROTEC-PRSB6.8CF Datasheet
74Kb / 4P
   STANDARD TVS COMPONENTS
P0201D05C PROTEC-P0201D05C Datasheet
107Kb / 3P
   STANDARD TVS COMPONENTS
PRSB68C PROTEC-PRSB68C Datasheet
93Kb / 5P
   STANDARD TVS COMPONENTS
logo
API Technologies Corp
1467 APITECH-1467 Datasheet
518Kb / 1P
   1 Kilowatt Peak Power
logo
Protek Devices
SM30KWEXXA PROTEC-SM30KWEXXA Datasheet
526Kb / 7P
   30 kilowa tt TVS ComponentS
logo
Sames
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
   Single Phase Kilowatt-hour Metering IC
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
logo
Ultralife Corporation.
URB0001 ULTRALIFE-URB0001 Datasheet
210Kb / 2P
   Li-ion Multi-Kilowatt Module
Rev: C
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com