Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ492-ZJ Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza 2SJ492-ZJ
Descripción Electrónicos  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ492-ZJ Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ492-ZJ Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ492-ZJ Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ492-ZJ Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ492-ZJ Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2SJ492-ZJ Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
2SJ492-ZJ
Features
VDS (V) =-60V
ID =-20 A
RDS(ON) < 100m Ω (VGS =-10V)
RDS(ON) < 185mΩ (VGS =-4V)
Low Ciss: Ciss = 1210 pF (TYP.)
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-60
VGS(AC)
± 20
VGS(DC)
-20,0
Continuous Drain Current
ID
-20
Pulsed Drain Current (Note.2)
IDM
-80
Single Avalanche Current (Note.3)
IAS
-20
70
1.5
Single Avalanche Energy
(Note.3)
EAS
40
mJ
Thermal Resistance.Junction- to-Ambient
RthJA
83.3
Thermal Resistance.Junction- to-Case
RthJC
1.79
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
Power Dissipation
PD
W
A
Gate-Source Voltage
(Note.1)
V
/W
Note.1: f = 20 kHz, Duty Cycle ≤ 10% (+Side)
Note.2: PW ≤ 10u s,Duty Cycle ≤ 1%
Note.3: Starting TJ = 25 °C, RA = 25Ω , VGS = –20 V → 0
Tc = 25℃
Ta = 25℃


Número de pieza similar - 2SJ492-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SJ492-ZJ NEC-2SJ492-ZJ Datasheet
72Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SJ492-ZJ RENESAS-2SJ492-ZJ Datasheet
302Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Descripción similar - 2SJ492-ZJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com