Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1014 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM1014
Descripción Electrónicos  Dual PCI Hot-Plug Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 1 Page - Analog Devices

  ADM1014_15 Datasheet HTML 1Page - Analog Devices ADM1014_15 Datasheet HTML 2Page - Analog Devices ADM1014_15 Datasheet HTML 3Page - Analog Devices ADM1014_15 Datasheet HTML 4Page - Analog Devices ADM1014_15 Datasheet HTML 5Page - Analog Devices ADM1014_15 Datasheet HTML 6Page - Analog Devices ADM1014_15 Datasheet HTML 7Page - Analog Devices ADM1014_15 Datasheet HTML 8Page - Analog Devices ADM1014_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
ADM1014
One
Technology
Way,
P.O.
Box
9106,
Norwood,
MA
02062-9106,
U.S.A.
Tel:
781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
REV.
PrN 1/02
Preliminary Technical
Data
Dual PCI Hot-PlugTM Controller
FUNCTIONAL BLOCK DIAGRAM
TM Hot Plug is a trademark of Core International, Inc.
AUXINA
VOCSET
100µA
OCSET
COMMON TO BOTH CHANNELS
3.3VAUX
POWER-ON
RESET
LOW WHEN
AUXINA < 2.5V
AUXINA
12VGA
12VIN
A
5VISENA
5VSA
3VISENA
3VSA
3V5VGA
+5V
IN
+3.3V
IN
RSENSE3A
RSENSE5A
+5V
OUTA
+3.3V
OUTA
12VOA
-12VGA
-12VINA
5V
REGULATOR
LOW WHEN
12VINA <
10V
35
34
37
36
33
-12VOA
12VIN
A
12V IN
POWER-ON
RESET
GND
AUXGA
AUXINA
AUXOA
FLTNA
FAUXA
5
PWRONA
PAUXONA
12VIN
A
CIRCUIT OPERATES FROM 3.3VAUX POWER SUPPLY
CIRCUIT OPERATES FROM 3.3VAUX AND +12V POWER SUPPLY
P-CHANNEL
MOSFET
D
S
G
FAULT
LATCH
Q
Q
RESET
SET
OVERCURRENT AND
UNDERVOLTAGE
COMPARATORS
FOR +5V
OVERCURRENT AND
UNDERVOLTAGE
COMPARATORS
FOR +3.3V
P-CHANNEL
MOSFET
D
S
G
OVERCURRENT AND
UNDERVOLTAGE
COMPARATORS
FOR +12V
N-CHANNEL
MOSFET
D
S
G
OVERCURRENT
COMPARATOR
FOR -12V
FAULT
LATCH
Q
Q
RESET
SET
COMBINING
LOGIC
COMMON TO BOTH CHANNELS
CHANNEL A
CHANNEL B
( IDENTICAL TO CHANNEL A )
3
4
32
FLTNB
PWRONB
PAUXONB 27
15
17
16
7
8
31
29
9
10
2
1
38
12VGB
12VINB
12VOB
-12VGB
-12VINB
5VISENB
23
5VSB
24
21
3VISENB
3VSB
22
-12VOB
3V5VGB
25
AUXGB
AUXINB
AUXOB
28
11
14
13
26
12
18
19
20
EXTERNAL
N-CHANNEL
POWER
MOSFETS
EXTERNAL
N-CHANNEL
POWER
MOSFETS
3.3V Cmos
Input
3.3V Cmos
Output
30
30
OVERCURRENT AND
UNDERVOLTAGE
COMPARATORS
FOR +3.3VAUX
+5V
IN
+3.3V
IN
RSENSE3B
RSENSE5B
+5V
OUTA
+3.3V
OUTA
CHANNEL A
6
+3.3VAux
+3.3VAux
FAUXB
PRELIMINARY TECHNICAL DATA


Número de pieza similar - ADM1014_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1014JRU AD-ADM1014JRU Datasheet
167Kb / 12P
   Dual PCI Hot-PlugTM Controller
REV. PrN 1/02
More results

Descripción similar - ADM1014_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com