Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1060 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM1060
Descripción Electrónicos  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 1 Page - Analog Devices

  ADM1060_15 Datasheet HTML 1Page - Analog Devices ADM1060_15 Datasheet HTML 2Page - Analog Devices ADM1060_15 Datasheet HTML 3Page - Analog Devices ADM1060_15 Datasheet HTML 4Page - Analog Devices ADM1060_15 Datasheet HTML 5Page - Analog Devices ADM1060_15 Datasheet HTML 6Page - Analog Devices ADM1060_15 Datasheet HTML 7Page - Analog Devices ADM1060_15 Datasheet HTML 8Page - Analog Devices ADM1060_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Communications System
Supervisory/Sequencing Circuit
ADM1060
FEATURES
Faults detected on 7 independent supplies
1 high voltage supply (2 V to 14.4 V)
4 positive voltage only supplies (2 V to 6 V)
2 positive/negative voltage supplies
(+2 V to +6 V and –2 V to –6 V)
Watchdog detector input—timeout delay programmable
from 200 ms to 12.8 sec
4 general-purpose logic inputs
Programmable logic block—combinatorial and sequencing
logic control of all inputs and outputs
9 programmable output drivers:
Open collector (external resistor required)
Open collector with internal pull-up to VDD
Fast internal pull-up to VDD
Open collector with internal pull-up to VPn
Fast internal pull-up to VPn
Internally charge-pumped high drive (for use with
external N-channel FETs—PDOs 1 to 4 only)
EEPROM—256 bytes of user EEPROM
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VPn, VH = 1 V
APPLICATIONS
Central office systems
Servers
Infrastructure network boards
High density, multivoltage system cards
GENERAL DESCRIPTION
The ADM1060 is a programmable supervisory/sequencing
device that offers a single chip solution for multiple power
supply fault detection and sequencing in communications
systems.
In central offices, servers, and other infrastructure systems, a
common backplane dc supply is reduced to multiple board sup-
plies using dc-to-dc converters. These multiple supplies are used
to power different sections of the board, such as 3.3 V logic
circuits, 5 V logic circuits, DSP core, and DSP I/O circuits. There
is usually a requirement that certain sections power up before
others; for example, a DSP core may need to power up before
the DSP I/O, or vice versa, to avoid damage, miscommunication,
or latch-up. The ADM1060 facilitates this, providing supply
fault detection and sequencing/combinatorial logic for up to
seven independent supplies. The seven supply fault detectors
consist of one high voltage detector (up to +14.4 V), two bipolar
voltage detectors (up to +6 V or down to −6 V), and four posi-
tive low voltage detectors (up to +6 V). All of the detectors can
be programmed to detect undervoltage, overvoltage, or out-of-
window (undervoltage or overvoltage) conditions. The inputs to
these supply fault detectors are via the VH (high voltage) pin,
VBn (positive or negative) pins, and VPn (positive only) pins.
Either the VH supply or one of the VPn supplies is used to
power the ADM1060 (whichever is highest). This ensures that
in the event of a supply failure, the ADM1060 is kept alive for as
long as possible, thus enabling a reliable fault flag to be asserted
and the system to be powered down in an ordered fashion.
Other inputs to the ADM1060 include a watchdog detector
(WDI) and four general-purpose inputs (GPIn). The watchdog
detector can be used to monitor a processor clock. If the clock
does not toggle (transition from low to high or from high to
low) within a programmable timeout period (up to 18 sec.), a
fail flag will assert. The four general-purpose inputs can be con-
figured as logic buffers or to detect positive/negative edges and
to generate a logic pulse or level from those edges. Thus, the
user can input control signals from other parts of the system
(e.g., RESET or POWER_GOOD) to gate the sequencing of the
supplies supervised by the ADM1060.
The ADM1060 features nine programmable driver outputs
(PDOs). All nine outputs can be configured to be logic outputs,
which can provide multiple functions for the end user such as
RESET generation, POWER_GOOD status, enabling of LDOs,
and watchdog timeout assertion. PDOs 1 to 4 have the added
feature of being able to provide an internally charge-pumped
high voltage for use as the gate drive of an external N-channel
FET that could be placed in the path of one of the supplies
being supervised.
(continued on Page 3)
.
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Número de pieza similar - ADM1060_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results

Descripción similar - ADM1060_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com