Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF220 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza IRF220
Descripción Electrónicos  4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF220 Datasheet(HTML) 7 Page - Intersil Corporation

  IRF220 Datasheet HTML 1Page - Intersil Corporation IRF220 Datasheet HTML 2Page - Intersil Corporation IRF220 Datasheet HTML 3Page - Intersil Corporation IRF220 Datasheet HTML 4Page - Intersil Corporation IRF220 Datasheet HTML 5Page - Intersil Corporation IRF220 Datasheet HTML 6Page - Intersil Corporation IRF220 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED INDUCTIVE WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
IRF220, IRF221, IRF222, IRF223


Número de pieza similar - IRF220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
IRF220 SAMSUNG-IRF220 Datasheet
209Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF220 FAIRCHILD-IRF220 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
   High Speed Applications
logo
ARTSCHIP ELECTRONICS CO...
IRF220 ARTSCHIP-IRF220 Datasheet
154Kb / 5P
   N-Channel Power Mosfets
More results

Descripción similar - IRF220

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
   -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
   4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com