Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF630 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza IRF630
Descripción Electrónicos  9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF630 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF630 Datasheet HTML 1Page - Intersil Corporation IRF630 Datasheet HTML 2Page - Intersil Corporation IRF630 Datasheet HTML 3Page - Intersil Corporation IRF630 Datasheet HTML 4Page - Intersil Corporation IRF630 Datasheet HTML 5Page - Intersil Corporation IRF630 Datasheet HTML 6Page - Intersil Corporation IRF630 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-205
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
0.1
10
1
100
100
DC
100
µs
10
µs
1ms
10ms
100ms
1
1000
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
020
40
60
80
4
8
12
16
20
100
VGS = 10V
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
2
0
1
23
5
4
6
VDS, DRAIN TO SOURCE VOLTAGE (V)
8
4
VGS = 4V
10
VGS = 5V
VGS = 6V
VGS = 10V
VGS = 7V
VGS = 8V
VGS = 9V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
25
6
7
1
0
2
6
VGS, GATE TO SOURCE VOLTAGE (V)
10
4
8
25oC
125oC
-55oC
4
3
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS > ID(ON) x rDS(ON)MAX
0
0.4
0.6
0.8
10
20
30
40
ID, DRAIN CURRENT (A)
0
0.2
VGS = 10V
VGS = 20V
2
µs PULSE TEST
2.2
1.4
1
0.6
0.2
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.8
80
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 5A
IRF630, RF1S630SM


Número de pieza similar - IRF630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
IRF630 PHILIPS-IRF630 Datasheet
97Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
Inchange Semiconductor ...
IRF630 ISC-IRF630 Datasheet
128Kb / 1P
   N-channel mosfet transistor
logo
List of Unclassifed Man...
IRF630 ETC2-IRF630 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
logo
Comset Semiconductor
IRF630 COMSET-IRF630 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
More results

Descripción similar - IRF630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
   5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
   9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
FSS23A0D INTERSIL-FSS23A0D Datasheet
56Kb / 8P
   9A, 200V, 0.330 Ohm, Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
   17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
   4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
   4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
logo
Unisonic Technologies
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com