Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADMCF327 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADMCF327
Descripción Electrónicos  28-Lead Flash Memory DSP Switched Reluctance Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADMCF327 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMCF327_15 Datasheet HTML 2Page - Analog Devices ADMCF327_15 Datasheet HTML 3Page - Analog Devices ADMCF327_15 Datasheet HTML 4Page - Analog Devices ADMCF327_15 Datasheet HTML 5Page - Analog Devices ADMCF327_15 Datasheet HTML 6Page - Analog Devices ADMCF327_15 Datasheet HTML 7Page - Analog Devices ADMCF327_15 Datasheet HTML 8Page - Analog Devices ADMCF327_15 Datasheet HTML 9Page - Analog Devices ADMCF327_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADMCF327
–6–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADMCF327 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Flash Memory Erase or/Program
Temperature Range (Ambient) . . . . . . . . . . . . 0
°C to 85°C
Operating Temperature Range (Ambient) . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
°C
*Stresses greater than those listed may cause permanent damage to the device.
These are stress ratings only; functional operation of the device at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Instruction
Package
Package
Model
Range
Rate
Description
Option
ADMCF327BR
–40
°C to +85°C
20 MHz
28-Lead Wide Body (SOIC)
R-28
ADMCF327-EVALKIT
Development Tool Kit
PIN FUNCTION DESCRIPTIONS
Pin
Pin
Pin
No.
Name
Type
1
PIO6/CLKOUT
I/O
2
PIO5/RFS1
I/O
3
PIO4/DR1A
I/O
4
PIO3/SCLK1
I/O
5
PIO2/DR1B
I/O
6
PIO1/DT1
I/O
7
PIO0/TFS1
I/O
8
CLKIN
I
9
XTAL
O
10
VDD
SUP
11
PWMTRIP
I
12
V3
I
13
V2
I
14
V1
I
15
VAUX0
I
16
VAUX1
I
17
VAUX2
I
18
ICONST
O
19
GND
GND
20
RESET
I
21
CH
O
22
CL
O
23
BH
O
24
BL
O
25
AH
O
26
AL
O
27
PIO8/AUX0
I/O
28
PIO7/AUX1
I/O
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADMCF327
PIO6/CLKOUT
PIO7/AUX1
PIO5/RFS1
PIO8/AUX0
PIO4/DR1A
AL
PIO3/SCLK1
AH
PIO2/DR1B
BL
PIO1/DT1
BH
PIO0/TFS1
CL
CLKIN
CH
XTAL
RESET
VDD
GND
PWMTRIP
ICONST
V3
VAUX2
V2
VAUX1
V1
VAUX0


Número de pieza similar - ADMCF327_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMCF327-EVALKIT AD-ADMCF327-EVALKIT Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF327BR AD-ADMCF327BR Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
More results

Descripción similar - ADMCF327_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADMCF327 AD-ADMCF327 Datasheet
253Kb / 36P
   28-Lead Flash Memory DSP Switched Reluctance Motor Controller
REV. 0
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
ADMCF326BRZ AD-ADMCF326BRZ Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF328-EVALKIT AD-ADMCF328-EVALKIT Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMCF328 AD-ADMCF328_15 Datasheet
999Kb / 36P
   28-Lead Flash Memory DSP Motor Controller with Current Sense
REV. A
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMC326 AD-ADMC326_15 Datasheet
240Kb / 32P
   28-Lead ROM-Based DSP Motor Controller
REV. C
ADMC328 AD-ADMC328_15 Datasheet
248Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. C
ADMC328 AD-ADMC328 Datasheet
234Kb / 32P
   28-Lead ROM-Based DSP Motor Controller with Current Sense
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com