Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1148 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADP1148
Descripción Electrónicos  High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1148 Datasheet(HTML) 3 Page - Analog Devices

  ADP1148_15 Datasheet HTML 1Page - Analog Devices ADP1148_15 Datasheet HTML 2Page - Analog Devices ADP1148_15 Datasheet HTML 3Page - Analog Devices ADP1148_15 Datasheet HTML 4Page - Analog Devices ADP1148_15 Datasheet HTML 5Page - Analog Devices ADP1148_15 Datasheet HTML 6Page - Analog Devices ADP1148_15 Datasheet HTML 7Page - Analog Devices ADP1148_15 Datasheet HTML 8Page - Analog Devices ADP1148_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. A
ADP1148, ADP1148-3.3, ADP1148-5
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions2
Min
Typ
Max
Units
FEEDBACK VOLTAGE
ADP1148 Only
V10
VIN = 9 V
1.20
1.25
1.30
V
REGULATED OUTPUT VOLTAGE
VOUT
VIN = 9 V
ADP1148-3.3
ILOAD = 700 mA
3.17
3.33
3.4
V
ADP1148-5
ILOAD = 700 mA
4.85
5.05
5.2
V
INPUT DC SUPPLY CURRENT3
IQ
Normal Mode
VIN = 4 V < VIN < 18 V
1.6
2.6
mA
Sleep Mode (ADP1148-3)
VIN = 4 V < VIN < 18 V
160
280
µA
Sleep Mode (ADP1148-5)
VIN = 6 V < VIN < 18 V
160
280
µA
Shutdown
VSHUTDOWN = 2.1 V,
10
24
µA
4 V < VIN < 12 V
CURRENT SENSE THRESHOLD
VOLTAGE4
V8–V7
ADP1148 Only
V9 = VOUT/4 + 25 mV (Forced),
0
mV
V7 = 5 V
V9 = VOUT/4 – 25 mV (Forced),
115
150
175
mV
V7 = 5 V
ADP1148-3.3
V7 = VOUT + 100 mV (Forced)
0
mV
V7 = VOUT – 100 mV (Forced)
115
150
175
mV
ADP1148-5.0
V7 = VOUT + 100 mV (Forced)
0
mV
V7 = VOUT – 100 mV (Forced)
115
150
175
mV
SHUTDOWN PIN THRESHOLD
V10
ADP1148-3.3, ADP1148-5
0.55
0.8
2
V
OFF-TIME
tOFF
CT = 390 pF, ILOAD = 700 mA
4
5
6.2
µs
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Quality Control method.
2T
J is calculated from the ambient temperature T A and power dissipation PD according to the following formulas:
ADP1148AR, ADP1148AR-3, ADP1148AR-5: TJ = TA + (PD × 110°C/W)
ADP1148AN, ADP1148AN-3, ADP1148AN-5: TJ = TA + (PD × 70°C/W)
3Dynamic supply current is higher due to the gate charge being delivered at the switching frequency. The allowable operating frequency may be limited by power
dissipation at high input voltages.
4The ADP1148 version is tested with external feedback resistors setting the nominal output voltage to 3.3 V.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (Pin 3) . . . . . . . . . . . . . –0.3 V to +20 V
Continuous Output Currents (Pins 1, 14) . . . . . . . . . . 50 mA
Sense Voltages (Pins 7, 8) . . . . . . . . . . . . . . . . –0.3 V to VCC
Operating Temperature Range . . . . . . . . . . . . 0
°C to +70°C
Extended Commercial Temperature Range . . –40
°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
(–40 C
≤ T
A ≤ +85 C,
1
V
IN = 10 V, VSHUTDOWN = 0 V, unless otherwise noted. See Figure 17.)
ORDERING GUIDE
Output
Package
Package
Model
Voltage
Description
Option
ADP1148AN
ADJ
Plastic DIP
N-14
ADP1148AR
ADJ
Small Outline Package SO-14
ADP1148AN-3.3
3.3 V
Plastic DIP
N-14
ADP1148AR-3.3
3.3 V
Small Outline Package SO-14
ADP1148AN-5
5 V
Plastic DIP
N-14
ADP1148AR-5
5 V
Small Outline Package SO-14


Número de pieza similar - ADP1148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1148-3.3 AD-ADP1148-3.3 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148-5 AD-ADP1148-5 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN AD-ADP1148AN Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN-33 AD-ADP1148AN-33 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN-5 AD-ADP1148AN-5 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Descripción similar - ADP1148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com