Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL36356A-APDK Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL36356A-APDK
Descripción Electrónicos  PRISM 11Mbps Wireless Local Area Network Access Point
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36356A-APDK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL36356A-APDK Datasheet HTML 1Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 2Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 3Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 4Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 5Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 6Page - Intersil Corporation ISL36356A-APDK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Block Diagram
ISL3856 MAC
See “The ISL3856 Media Access Controller (MAC) Protocol
Handler” section.
BBP ISL3863
The BaseBand Processor uses CCK modulation and a Rake
architecture to reduce the effects of multipath. This reduces
the error rates in typical office environments to improve
overall data throughput.
IF HFA3783
The IF is a linear design with AGC. This permits the use of
equalizers in the BBP. An IF overload detector and
selectable low gain LNA mode work with the BBP to extend
dynamic range without sacrificing sensitivity. The IF LO
frequency is generated by an external VCO. Filtering at the
IF is done by a SAW BandPass filter.
HFA3683 / HFA3983 RF
The RF IC’s are produced in advanced SiGe technology to
realize improvements in integration, performance, and power
consumption. Integral PLL’s in both RF and IF parts eliminate
the need for an external synthesizer. The HFA3683’s internal
LNA noise figure is improved so that an external LNA IC is
no longer needed. The chipset is designed so that the parts
can be interfaced with few external components.
The RF LO frequency is generated by an external VCO. The
PA incorporates an integral power detector that is monitored
by the BBP. The BBP controls the IF gain to maintain
constant output levels.
Antenna System
A dual spatial integrated antenna system is used to select
the most optimal signal. The antennas are sleeved dipoles
directly connected to the PCB.
Ethernet
PHY
STATUS
LEDS
ISL3856
MAC
16MHz
SNMP
Linux
OS
Applications
DHCP
...
MVC Driver
Bridging
Layer
TCP/ IP
Stack
4Mx16 or
8Mx16
SDRAM
PHY
I/O
I/O
CONTROL
DMA
CTRL
RADIO
Ethernet
MAC
MVC
SW WEP
ENGINE
802 .11
Protocol
handling
2Mx8 or
4Mx8
Parallel
FLASH
FIGURE 2. ISL36356A-APDK BLOCK DIAGRAM
ISL36356A-APDK


Número de pieza similar - ISL36356A-APDK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-T7 INTERSIL-ISL36111DRZ-T7 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-TS INTERSIL-ISL36111DRZ-TS Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
More results

Descripción similar - ISL36356A-APDK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com