Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL36356A-APDK-EVAL Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL36356A-APDK-EVAL
Descripción Electrónicos  PRISM 11Mbps Wireless Local Area Network Access Point
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36356A-APDK-EVAL Datasheet(HTML) 2 Page - Intersil Corporation

  ISL36356A-APDK-EVAL Datasheet HTML 1Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 2Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 3Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 4Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 5Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 6Page - Intersil Corporation ISL36356A-APDK-EVAL Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.5V (Max)
Storage Temperature (Note 1) . . . . . . . . . . . . . . . . . . -20oC to 85oC
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . .0oC
≤ TA ≤ 50oC
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
Caution: These are the absolute maximum ratings for the product. Exceeding these limits could cause permanent damage to the AP.
NOTE:
1. All temperature references refer to ambient conditions.
Electrical Specifications
Test Conditions: Supply Voltage (VCC) = 5V, Ambient Temperature (TA) = 25
oC,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT CONSUMPTION
Initialization Current
ICC
-
517
-
mA
Continuous Transmit Mode
ICC
-
670
-
mA
Continuous Receive Mode
ICC
Receiving Valid Packets
-
516
-
mA
RF SYSTEM SPECIFICATIONS
Transmitter Power Output
Pout
14.8
16.2
17.0
dBm
Receive Sensitivity
RX_S
1Mbps, BER 8 E-5
-
-93
(Note 2)
-dBm
2Mbps,BER 8 E-5
-
-89
(Note 2)
-dBm
5.5Mbps,BER 8 E-5
-
-87
(Note 2)
-dBm
11Mbps, BER 8 E-5
-
-83
(Note 2)
-dBm
Multipath Delay Spread using Naftali
model
TDELAY
2Mbps,BER 8 E-5
-
>290
-
ns
5.5Mbps, BER 8 E-5
-
200
-
ns
11Mbps, BER 8 E-5
-
105
-
ns
Maximum Receive Level
RX_MAX
BER 8 E-5
-3
>2
-
dBm
Third Order Intercept Point (Input)
IIP3_90
-90 dBm input
-
-3
-
dBm
IIP3_25
-25 dBm input
-
+20
-
dBm
Carrier Suppression
TX_sup
Test Mode
-
43
-
dB
Image Rejection
IR
BER 8E-5
-
65
-
dB
IF Rejection
IFR
BER 8E-5
60
66
-
dB
Adjacent Channel Rejection (Note 3)
ACR
BER 8E-5
-
35
-
dB
Data Rate (Physical Layer)
Rate
-
1, 2, 5.5
and 11
-
Mbps
NOTES:
2. Measurements done on antenna port 1. Antenna port 2, 1 to 2 dB better performance.
3. The adjacent channel measurement is carried out on two antennas separated by 25MHz (five channels). The -70dBm desired signal and variable
strength jammer are both 11Mbps DSSS data transmissions. The jammer is a continuous waveform with -40dBc first sidelobes.
ISL36356A-APDK


Número de pieza similar - ISL36356A-APDK-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-T7 INTERSIL-ISL36111DRZ-T7 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111DRZ-TS INTERSIL-ISL36111DRZ-TS Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
More results

Descripción similar - ISL36356A-APDK-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com