Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2321DS Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2321DS
Descripción Electrónicos  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2321DS Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2321DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel Enhancement MOSFET
SI2321DS (KI2321DS)
Typical Characterisitics
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 A
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
8
0.1
10
20
ID = 3.3 A
0.01
0
1
6
10
2
4
10
600
0.1
0.0
0.2
0.4
0.6
0.8
TJ = 150 C
Threshold Voltage
TJ - Temperature ( C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
-
GS - Gate-to-Source Voltage (V)
Time (sec)
8
100
TA = 25 C
TJ = 25 C
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
Limited
by rDS(on)
0.01
10
TA = 25 C
Single Pulse
10 ms
100 ms
dc, 100 s, 10 s, 1 s
0.1
100 s, 10 s
1
1 ms


Número de pieza similar - SI2321DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2321DS VISHAY-SI2321DS Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 19-May-03
logo
Guangdong Kexin Industr...
SI2321DS-3 KEXIN-SI2321DS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2321DS-HF KEXIN-SI2321DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2321DS-HF-3 KEXIN-SI2321DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2321DS-T1 VISHAY-SI2321DS-T1 Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 19-May-03
More results

Descripción similar - SI2321DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com