Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI2321DS-HF-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2321DS-HF-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd |
3 / 5 page SMD Type www.kexin.com.cn 3 MOSFET ■ Typical Characterisitics 0 300 600 900 1200 0 4 8 12 16 20 0 2 4 6 8 10 12 0.0 0.5 1.0 1.5 2.0 2.5 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0 2 4 6 8 10 12 0 2 4 6 8 10 12 0.0 0.4 0.8 1.2 1.6 2.0 0 1 2 3 4 5 0 2 4 6 8 10 0.5 0.7 0.9 1.1 1.3 1.5 -50 -25 0 25 50 75 100 125 150 25 C TC = 125 C Crss Coss Ciss VDS = 10 V ID = 3.3 A VGS = 4.5 V ID = 3.3 A VGS = 4.5 V VGS = 2.5 V -55 C 1.5 V s c it s ir e t c a r a h C r e f s n a r T s c it s ir e t c a r a h C t u p t u O Gate Charge On-Resistance vs. Drain Current VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) Qg - Total Gate Charge (nC) VDS - Drain-to-Source Voltage (V) ID - Drain Current (A) Capacitance Normalized On-Resistance vs. Junction Temperature TJ - Junction Temperature ( C) VGS = 1.8 V VGS = 4.5 thru 2.5 V 1.0 V 0.5 V 2 V P-Channel MOSFET SI2321DS-HF (KI2321DS-HF) |
Número de pieza similar - SI2321DS-HF-3 |
|
Descripción similar - SI2321DS-HF-3 |