Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2343DS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2343DS
Descripción Electrónicos  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2343DS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2343DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2343DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2343DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2343DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2343DS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
SI2343DS (KI2343DS)
Features
VDS (V) =-30V
ID =-4 A (VGS =-10V)
RDS(ON) < 53mΩ (VGS =-10V)
RDS(ON) < 86mΩ (VGS =-4.5V)
1. Gate
2. Source
3. Drain
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Symbol
5 s
Steady State
Unit
VDS
VGS
TA = 25 °C
-4
-3.1
TA = 70 °C
-3.2
-2.5
IDM
TA = 25 °C
1.25
0.75
TA = 70 °C
0.8
0.48
RthJA
100
166
RthJF
50
TJ
Tstg
150
-55 to 150
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Junction- to-Foot
Junction Temperature
Junction Storage Temperature Range
Pulsed Drain Current
-15
Power Dissipation
PD
Parameter
-30
±
20
Continuous Drain Current
ID
Gate-Source Voltage
Drain-Source Voltage
V
/W
A
W
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
P-Channel MOSFET


Número de pieza similar - SI2343DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2343DS VISHAY-SI2343DS Datasheet
42Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 25-Nov-02
SI2343DS VISHAY-SI2343DS Datasheet
197Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2343DS VISHAY-SI2343DS Datasheet
202Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Feb-09
SI2343DS VISHAY-SI2343DS Datasheet
164Kb / 8P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2343DS-3 KEXIN-SI2343DS-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Descripción similar - SI2343DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com