Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3437DV Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI3437DV
Descripción Electrónicos  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI3437DV Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI3437DV Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
SI3437DV (KI3437DV)
Features
VDS (V) =-150V
ID =-1.4 A (VGS =-10V)
RDS(ON) < 750mΩ (VGS =-10V)
RDS(ON) < 790mΩ (VGS =-6V)
1
2
3
4
5
6
Unit: mm
0.15 +0.02
-0.02
SOT-23-6
(
)
+0.01
-0.01
+0.2
-0.1
0.4-0.1
+0.1
1. Drain
2. Drain
3.Gate
4. Source
5. Drain
6. Drain
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
-150
VGS
±
20
Tc = 25 °C
-1.4
Tc = 70 °C
-1.1
Ta = 25 °C (Note.1,2)
-1.1
Ta = 70 °C (Note.1,2)
-0.88
IDM
-5
Avalanche Current
IAS
5
Single-Pulse Avalanche Energy
EAS
1.25
mJ
Tc = 25 °C
3.2
Tc = 70 °C
2.1
Ta = 25 °C (Note.1,2)
2
Ta = 70 °C (Note.1,2)
1.25
Thermal Resistance.Junction- to-Ambient
t ≤ 5 s (Note.3)
RthJA
62.5
Thermal Resistance.Junction- to-Case
Steady State
RthJC
39
TJ
150
Tstg
-55 to 150
Junction Temperature
Junction Storage Temperature Range
Continuous Drain Current (TJ = 150 °C)
ID
Power Dissipation
PD
L = 0.1 mH
Parameter
Drain-Source Voltage
Gate-Source Voltage
Pulsed Drain Current
V
/W
W
A
Note.1: t = 5 s.
Note.2: Surface Mounted on 1" x 1" FR4 board.
Note.3: Maximum under Steady State conditions is 110 °C/W.
S
G
D


Número de pieza similar - SI3437DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV Datasheet
121Kb / 7P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Skyworks Solutions Inc.
SI3437DV SKYWORKS-SI3437DV Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Guangdong Kexin Industr...
SI3437DV-HF KEXIN-SI3437DV-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI3437DV-T1-E3 VISHAY-SI3437DV-T1-E3 Datasheet
121Kb / 7P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
VBsemi Electronics Co.,...
SI3437DV-T1-GE3 VBSEMI-SI3437DV-T1-GE3 Datasheet
452Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Descripción similar - SI3437DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com