Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL4221EIRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL4221EIRZ-T
Descripción Electrónicos  QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4221EIRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL4221EIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 10Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 11Page - Intersil Corporation ISL4221EIRZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
from initiating automatic powerdown for 100ms after
powering up. This gives the slow-to-wake peripheral circuit
time to reestablish valid RS-232 output levels.
The time to recover from automatic powerdown mode is
typically 100
µs.
INVALID Output
The INVALID output always indicates whether or not a valid
RS-232 signal (see Figure 6) is present at any of the receiver
inputs (see Table 2), giving the user an easy way to
determine when the interface block should power down.
Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. In the case of a
disconnected interface cable where all the receiver inputs
are floating (but pulled to GND by the internal receiver pull
down resistors), the INVALID logic detects the invalid levels
and drives the output low. The power management logic
then uses this indicator to power down the interface block.
Reconnecting the cable restores valid levels at the receiver
inputs, INVALID switches high, and the power management
logic wakes up the interface block. INVALID can also be
used to indicate the DTR or RING INDICATOR signal, as
long as the other receiver inputs are floating, or driven to
GND (as in the case of a powered down driver).
INVALID switches low after invalid levels have persisted on
all of the receiver inputs for more than 30
µs (see Figure 7).
INVALID switches back high 1
µs after detecting a valid
RS-232 level on a receiver input. INVALID operates in all
modes (forced or automatic powerdown, or forced on), so it
is also useful for systems employing manual powerdown
circuitry. When automatic powerdown is utilized, INVALID =
0 indicates that the ISL422XE is in powerdown mode.
Capacitor Selection
The charge pumps require 0.1
µF, or greater, capacitors for
proper operation. Increasing the capacitor values (by a factor
of 2) reduces ripple on the transmitter outputs and slightly
reduces power consumption.
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-
.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Powerdown
Figure 8 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF.
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - POWERDOWN OCCURS AFTER 30
µs
VALID RS-232 LEVEL - ISL422XE IS ACTIVE
VALID RS-232 LEVEL - ISL422XE IS ACTIVE
INDETERMINATE - POWERDOWN MAY OR
INDETERMINATE - POWERDOWN MAY OR
MAY NOT OCCUR
MAY NOT OCCUR
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
INVALID
OUTPUT
V+
VCC
0
V-
VCC
0
tINVL
tINVH
INVALID
REGION
}
FIGURE 7. AUTOMATIC POWERDOWN AND INVALID TIMING
DIAGRAMS
AUTOPWDN
PWR UP
ISL4221E, ISL4223E


Número de pieza similar - ISL4221EIRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL4221EIRZ INTERSIL-ISL4221EIRZ Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4221EIRZ INTERSIL-ISL4221EIRZ Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221EIRZ INTERSIL-ISL4221EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4221EIRZ RENESAS-ISL4221EIRZ Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results

Descripción similar - ISL4221EIRZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com