Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43640IR Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL43640IR
Descripción Electrónicos  Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43640IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43640IR Datasheet HTML 1Page - Intersil Corporation ISL43640IR Datasheet HTML 2Page - Intersil Corporation ISL43640IR Datasheet HTML 3Page - Intersil Corporation ISL43640IR Datasheet HTML 4Page - Intersil Corporation ISL43640IR Datasheet HTML 5Page - Intersil Corporation ISL43640IR Datasheet HTML 6Page - Intersil Corporation ISL43640IR Datasheet HTML 7Page - Intersil Corporation ISL43640IR Datasheet HTML 8Page - Intersil Corporation ISL43640IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
0.5
1
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, (See Figure 4)
25
-
75
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
4
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
11
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
20
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
µA
Electrical Specifications + 12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 12.0V, ICOM = 1.0mA, VNO or VNC = 9V,
(See Figure 5)
25
-
45
50
Full
-
-
70
RON Matching Between Channels,
∆RON
V+ = 12.0V, ICOM = 1.0mA, VNO or VNC = 9V, (Note 8)
25
-
0.5
3
Full
-
-
5
RON Flatness, RFLAT(ON)
V+ = 13.2V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V,
(Note 9)
25
-
5
6
Full
-
-
10
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13.0V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V,
(Note 7)
25
-1
-
1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13.0V, VCOM = 12V, 1V, VNO or VNC = 1V, 12V,
(Note 7)
25
-1
-
1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 13.0V, VCOM = 1V, 12V, or VNO or VNC = 1V,
12V, or floating, (Note 7)
25
-1
-
1
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.9
2.5
-
V
Input Voltage Low, VINL
Full
-
2.3
0.8
V
Input Current, IINH, IINL
V+ = 13V, VIN = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 10.8V, VNO or VNC = 10V, RL =300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
25
30
ns
Full
-
35
ns
Inhibit Turn-OFF Time, tOFF
V+ = 10.8V, VNO or VNC = 10V, RL =300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
24
28
ns
Full
-
30
ns
Address Transition Time, tTRANS
V+ = 10.8V, VNO or VNC = 10V, RL =300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1)
25
-
35
50
ns
Full
-
55
ns
Break-Before-Make Time Delay, tD
V+ = 13.2V, RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0 to 4, (See Figure 3)
Full
3
9
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
1.2
3
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, (See Figure 4)
25
-
75
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
4
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
11
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 6)
25
-
20
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13.0V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
µA
Electrical Specifications +3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VAH = 2.4V, VAL= 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ISL43640


Número de pieza similar - ISL43640IR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43640IR INTERSIL-ISL43640IR Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IR INTERSIL-ISL43640IR Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
logo
Renesas Technology Corp
ISL43640IR RENESAS-ISL43640IR Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640IR-T INTERSIL-ISL43640IR-T Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IR-T INTERSIL-ISL43640IR-T Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
More results

Descripción similar - ISL43640IR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com