Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43840IR Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL43840IR
Descripción Electrónicos  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43840IR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43840IR Datasheet HTML 1Page - Intersil Corporation ISL43840IR Datasheet HTML 2Page - Intersil Corporation ISL43840IR Datasheet HTML 3Page - Intersil Corporation ISL43840IR Datasheet HTML 4Page - Intersil Corporation ISL43840IR Datasheet HTML 5Page - Intersil Corporation ISL43840IR Datasheet HTML 6Page - Intersil Corporation ISL43840IR Datasheet HTML 7Page - Intersil Corporation ISL43840IR Datasheet HTML 8Page - Intersil Corporation ISL43840IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6056
ISL43840
Low-Voltage, Single and Dual Supply,
Dual 4 to 1 Multiplexer Analog Switch with
Enable
The Intersil ISL43840 device is a precision, bidirectional,
analog switches configured as a a dual 4 channel multiplexer/
demultiplexer designed to operate from a single +2V to +12V
supply or from a ±2V to ±6V supply. The device has two
enable bar pins to simultaneously open all signal paths of
bank A and B.
ON resistance of 39
Ω with a ±5V supply and 125Ω with a
+3.3V supply. Each switch can handle rail to rail analog
signals. The off-leakage current is only .01nA at +25oC or
2.5nA at +85oC.
All digital inputs have 0.8V to 2.4V logic thresholds, ensuring
TTL/CMOS logic compatibility when using a single 3.3V or
+5V supply or dual ±5V supplies.
The ISL43840 is a dual 4 to 1 multiplexer device. Table 1
summarizes the performance of this part.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
• Application Note AN520 “CMOS Analog Multiplexers and
Switches; Specifications and Application Considerations.”
• Application Note AN1034 “Analog Switch and Multiplexer
Applications”
Features
• Fully Specified at 3.3V, 5V, ±5V, and 12V Supplies for
10% Tolerances
• ON Resistance (RON) Max, VS = ±4.5V. . . . . . . . . . . 50Ω
• ON Resistance (RON) Max, VS = +3V . . . . . . . . . . . 155Ω
•RON Matching Between Channels, VS = ±5V . . . . . . . . <2Ω
• Low Charge Injection, VS = ±5V . . . . . . . . . . . . . 1pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . ±2V to ±6V
• Fast Switching Action (VS = +5V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19ns
• Guaranteed Max Off-leakage . . . . . . . . . . . . . . . . . . . . 2.5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
Applications
• Communications Systems
-Radios
- Telecom Infrastructure
- ADSL, VDSL Modems
• Test Equipment
- Medical Ultrasound
- Magnetic Resonance Image
- CT and PET Scanners (MRI)
-ATE
- Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
CONFIGURATION
DUAL 4:1 MUX
±5V R
ON
39
±5V tON / tOFF
32ns/18ns
12V RON
32
12V tON / tOFF
23ns/15ns
5V RON
65
5V tON / tOFF
38ns/19ns
3.3V RON
125
3.3V tON / tOFF
70ns/32ns
Package
20 Ld 4x4 QFN
Data Sheet
September 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved


Número de pieza similar - ISL43840IR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840IR INTERSIL-ISL43840IR Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
logo
Renesas Technology Corp
ISL43840IR RENESAS-ISL43840IR Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IRZ INTERSIL-ISL43840IRZ Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
ISL43840IRZ INTERSIL-ISL43840IRZ Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
More results

Descripción similar - ISL43840IR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840 RENESAS-ISL43840 Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43841 INTERSIL-ISL43841_04 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com