Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5416 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL5416
Descripción Electrónicos  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL5416 Datasheet HTML 3Page - Intersil Corporation ISL5416 Datasheet HTML 4Page - Intersil Corporation ISL5416 Datasheet HTML 5Page - Intersil Corporation ISL5416 Datasheet HTML 6Page - Intersil Corporation ISL5416 Datasheet HTML 7Page - Intersil Corporation ISL5416 Datasheet HTML 8Page - Intersil Corporation ISL5416 Datasheet HTML 9Page - Intersil Corporation ISL5416 Datasheet HTML 10Page - Intersil Corporation ISL5416 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
Functional Description
The ISL5416 is a four channel digital receiver integrated
circuit offering exceptional dynamic range and flexibility.
Each of the four channels consists of a front-end NCO,
digital mixer, CIC-filter, two FIR filters, AGC, Interpolation
Half Band Filter and Re-sampling Filter. The parameters for
the four channels are independently programmable.
There are four 17-bit parallel data input busses (Ain(16:0),
Bin(16:0), Cin(16:0) and Din(16:0)). The ISL5416 supports
both fixed and floating point parallel data input modes. The
floating point modes support gain ranging A/D converters or
A/D converter and RF/IF Attenuators or VGAs. Gated or
interpolated data input modes are supported. Each input can
be connected to any or all of the internal signal processing
channels, Channels 0, 1, 2 and 3. The four channels share a
common processing clock (CLKC). Four input clocks are
provided to allow for clock skew between input sources.
Each input has a Range Control circuits to monitor the signal
level on the parallel data busses and to control the gain prior
to the A/D converters. A 16-bit bus (Eout(15:0)) is provided
to control the external VGA/RF Attenuators.
Each front end NCO/digital mixer/CIC filter section includes a
quadrature numerically controlled oscillator (NCO), digital
mixer, barrel shifter and a cascaded-integrator-comb filter
(CIC). The NCO has a 32-bit frequency control word. The
SFDR of the NCO is >110dB. The barrel shifter provides a
gain of between 2-45 and 4 to compensate for the gain in the
CIC. The CIC filter order is programmable from 1 to 5 and the
CIC decimation factor can be programmed from 2 to 512 for
5th order, 2048 for 4th order, 32768 for 3rd order, or 65536 for
1st or 2nd order filters. The CIC filter can also be bypassed.
Each channel back end section includes two FIR filters, an
AGC, Interpolation Half Band Filter and Resampler. The first
FIR filter can have up to 32 taps and the second can have up
to 64 taps. The 32-tap filter calculates 4 taps per clock, while
the 64-tap filter calculates 8 taps per clock. The coefficients
for the programmable digital filters are 20 bits wide. Each
FIR filter can be bypassed. The AGC section can provide up
to 96dB of either fixed or automatic gain control. For
automatic gain control, two settling modes and two sets of
loop gains are provided. Separate attack and decay slew
rates are provided for each loop gain. Programmable limits
allow the user to specify a gain range less than 96dB.
A fixed coefficient interpolate-by-2 Half Band Filter and a
non-integer resampling filter follow the AGC. Coefficients for
the resampling filter are provided in ROM.
Four 16-bit parallel data outputs (Aout(15:0), Bout(15:0),
Cout(15:0) and Dout(15:0)) are provided. The output of each
channel can be routed to any of the output buses. Outputs
from more than one channel can be multiplexed through a
common output if the channels are synchronized.
Dout(15:0)) can alternately be used as four serial output
pairs. A common output clock (CLKO1) is used for the
parallel output buses. A second clock output pin
(CLKO2/INTRPT) is provided to simplify board routing or to
allow a complementary output clocks.
The ISL5416 is programmed through a 16-bit
microprocessor interface. The output data can also be read
via the microprocessor interface. The ISL5416 is specified to
operate to a maximum clock rate of 95 MSPS over the
industrial temperature range (-40oC to 85oC). The I/O power
supply voltage range is 3.3V
± 0.165V while the core power
supply voltage is 1.8V
± 0.09V.
Input Select/Format Block
CLOCKING
The channel processing and output timing is clocked with the
rising edge of CLKC. Each input bus can be clocked with the
rising or falling edge of its own clock or with the rising or falling
edge of CLKC. The frequency of all the clocks must be the
same, but providing separate clocks allows the inputs from
multiple A/D converters to have a small amount of skew.
INPUT FORMAT
The inputs can be fixed point or floating point with
mantissa/exponents sizes of 14/3, 15/2, or 16/1. The
exponent inputs are added to the exponent from the internal
range control circuits, so if the range control circuits are
used, the exponent pins are typically grounded and/or
disabled via software in IWA = 0*10h, bit 3. The input format
may be twos complement or offset binary format in either
fixed or floating point modes (IWA = 0*00h).
GATED/INTERPOLATED MODES
For input sample rates at sub-multiples of the clock rate,
gated and interpolated input modes are provided. Each input
channel has an input enable (ENIx, x = A, B, C or D). In the
gated mode, one input sample is processed per clock that
the ENIx signal is asserted (low). Processing is disabled
when ENIx is high. The ENIx signal is pipelined through the
part to minimize delay (latency). In the interpolated mode,
the input is zeroed when the ENIx signal is high, but
processing inside the part continues. This mode inserts
zeros between the data samples, interpolating the input data
stream up to the clock rate. The spacing between ENIx
signals must be constant in the interpolated mode.
MULTIPLEXED INPUT MODE
Each input section can select one channel from a
multiplexed data stream of up to 8 channels. The input
enable is delayed by 0 to 7 clock cycles to enable a selection
register. The register following the selection register is
enabled by the non-delayed input enable to realign the
processing of the channels. The one-clock-wide input enable
must align with the data for the first channel. The desired
channel is then selected by programming the delay. A delay
of zero selects the first channel, a delay of 1 selects the
second, etc. Each input section selects only one channel of
the multiplexed stream, so a separate input bus must be
used for each channel of the multiplexed data stream.
ISL5416


Número de pieza similar - ISL5416

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
More results

Descripción similar - ISL5416

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com