Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5416KI Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL5416KI
Descripción Electrónicos  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416KI Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5416KI Datasheet HTML 1Page - Intersil Corporation ISL5416KI Datasheet HTML 2Page - Intersil Corporation ISL5416KI Datasheet HTML 3Page - Intersil Corporation ISL5416KI Datasheet HTML 4Page - Intersil Corporation ISL5416KI Datasheet HTML 5Page - Intersil Corporation ISL5416KI Datasheet HTML 6Page - Intersil Corporation ISL5416KI Datasheet HTML 7Page - Intersil Corporation ISL5416KI Datasheet HTML 8Page - Intersil Corporation ISL5416KI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
3
256-LEAD BGA
TOP VIEW
K
J
H
G
F
E
D
C
B
A
1
234
5678
9
11
10
L
M
N
P1
OED
Dout0
Din0
12
Dout4
13
14
Cin11
Din10
Din11
Din4
Din3
Vcc
P0
Dout3
Vcc
Cin12
RD
Add0
Dout11 Dout12
Cin13
Din12
Din13
GND
GND
WR
Cin14
Dout14
Cin15
GND
Dout15
Cin16
CLKC
Bout0
VccIO
Bout1
Bout2
Ain0
Ain2
Bout3
Ain1
Ain3
Bout4
VccIO
RESET
Ain5
Bout7
Ain4
Ain6
Bout9
VccIO
OEB
P15
CLKB
VccIO FSYNCB
Bin11
Bin12
Ain13
Bin16
OEA
SYNCIn2
GND
Eout15
Bout13
Bin10
Vcc
Ain15
Vcc
SYNCO Aout15
SYNCIn1
CLKA
Aout14 Aout13
GND
ENIA
Ain10
Ain11
Ain12
Ain14
Eout13
P
Dout2
Vcc
Dout1
Cin9
Eout1
Dout5
Dout6
Dout7
Din9
Vcc
Din6
ENID
Din2
Din1
POWER PIN
GROUND PIN
SIGNAL PIN
THERMAL BALL
NC (NO CONNECTION)
Bin4
Bin7
Vcc
Bin0
P6
P5
P7
GND
Ain9
Bin9
Ain8
Ain16
Vcc
Bout12
Bin8
Ain7
VccIO
Bin6
Bout8
Bout14
Bout6
GND
Bout5
Din16
P4
Eout3
Dout13
Vcc
Cin10
GND
VccIO
Bout15
GND
Eout12
P14
Bin3
Bin2
Vcc
Eout4
TRST
Add2
P2
P9
P8
GND
Vcc = +1.8V CORE SUPPLY VOLTAGE
VccIO = +3.3V I/O SUPPLY VOLTAGE
Cout12 Cout11
Cout13
CLKO1 Cout15
Aout0
Aout1
Aout2
Vcc
Aout4
Aout5
Aout7
Aout9
Bout10
Dout9
GND
VccIO
FSYNCA
Aout10
Aout8
Cout14
Dout10 Cout10
Cout2
OEC
Cout0
Eout0
Cout4
Din8
Din7
Din5
ENIC
Cin2
CE
TCLK
Cout3
Cout1
Cin8
Cin0
Cout5
Cout6 FSYNCC
Cin7
Cin6
Cin5
Cin4
Cin3
Cin1
GND
VccIO FSYNCD
Cout7
Cout8
Dout8
Cout9
R
T
15
16
Aout12 Aout11
Bout11
ENIB
Bin14
Bin15
Eout14
P12
Bin5
Eout10 Bin13 Eout11
Vcc
P13
P11
TDO
Aout6
GND
GND
GND
uPmode
GND
P10
Bin1
TMS
TDI
Aout3
Eout8
Eout9
CLKD
Eout6 Eout7
GND
GND
Eout5
Eout2
P3
Din15
Din14
GND
Add1
GND
CLKO2/
INTRPT
NOTE: Thermal Balls should be connected to the ground plane
Unused Input Balls should be connected to ground or VccIO as appropriate
ISL5416


Número de pieza similar - ISL5416KI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Renesas Technology Corp
ISL5416KI RENESAS-ISL5416KI Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5416KIZ INTERSIL-ISL5416KIZ Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416KIZ INTERSIL-ISL5416KIZ Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
More results

Descripción similar - ISL5416KI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com