Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5586 Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL5586
Descripción Electrónicos  Low Power Ringing SLIC for Home Gateways
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL5586 Datasheet HTML 5Page - Intersil Corporation ISL5586 Datasheet HTML 6Page - Intersil Corporation ISL5586 Datasheet HTML 7Page - Intersil Corporation ISL5586 Datasheet HTML 8Page - Intersil Corporation ISL5586 Datasheet HTML 9Page - Intersil Corporation ISL5586 Datasheet HTML 10Page - Intersil Corporation ISL5586 Datasheet HTML 11Page - Intersil Corporation ISL5586 Datasheet HTML 12Page - Intersil Corporation ISL5586 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
4-9
The quiescent current terms are specified in the electrical
tables for each operating mode. Load power dissipation is
not a factor since this is an on hook mode. Some
applications may specify a standby current. The standby
current may be a charging current required for modern
telephone electronics.
Standby Current Power Dissipation
Any standby line current, ISLC, introduces an additional power
dissipation term PSLC. Equation 17 illustrates the power
contribution is zero when the standby line current is zero.
If the battery voltage is less than -49V (the MTU clamp is
off), the standby line current power contribution reduces to
Equation 18.
Most applications do not specify charging current
requirements during standby. When specified, the typical
charging current may be as high as 5mA.
Forward Active Mode
Overview
The Forward Active mode (FA, 001) is the primary AC
transmission mode of the SLIC. On hook transmission, DC loop
feed and voice transmission are supported during this mode.
The device may be operated from either high or low battery for
on-hook transmission and from low battery for loop feed.
Loop supervision is provided by the switch hook detector at
the DET output. When DET goes low, the low battery should
be selected for DC loop feed and voice transmission.
On-Hook Transmission
The primary purpose of on hook transmission will be to
support caller ID and other advanced signalling features.
The transmission over load level while on hook is 3.1VPEAK.
When operating from the high battery, the DC voltages at Tip
and Ring are MTU compliant. The typical Tip voltage is -4V
and the Ring voltage is a function of the battery voltage for
battery voltages less than -60V as shown in Equation 19.
Feed Architecture
The SLIC design implements a voltage feed current sense
architecture. The voltage across Tip and Ring is controlled
by sensing the load current. Resistors are placed in series
with the Tip and Ring outputs to provide the current sensing
function. The diagram below illustrates the concept.
By monitoring the current at the amplifier outputs, a negative
feedback mechanism sets the output voltage for a defined
load. The amplifier closed loop gains are set by internal
resistor ratios (RA,RB,RC) providing all the performance
benefits of matched resistors. The internal sense resistor
RCS, is much smaller than the gain resistors and are
typically 20
Ω. The feedback mechanism, KS, represents the
gain configuration providing negative feedback to the loop.
DC Loop Feed
The feedback mechanism for monitoring the DC portion of
the loop current is contained within the loop detector block. A
low pass filter is used in the feedback loop to block voice and
other signals from interfering with the loop current limit
function. The pole of the low pass filter is set by the external
4.7
µF capacitor (CDC) and an internal 8KΩ resistor. The DC
feed characteristic of the SLIC will drive Tip and Ring
towards half battery to regulate the DC loop current. For light
loads, Tip will be near -4V and Ring will be near
VVBL + 4.5V. Most applications will operate the device from
low battery while off hook. The following diagram depicts the
DC feed characteristic.
The point on the y-axis labeled VTR(OC) is the open circuit
Tip to Ring voltage and is defined by the feed battery
voltage.
The curve of Figure 5 shows the loop current for a given set
of loop conditions. The loop conditions are determined by
the low battery voltage and the DC loop resistance. The DC
loop resistance is the sum of the protection resistance,
copper resistance (ohms/foot) and the telephone off hook
DC resistance.
P
SL C
I
SLC
V
BH
49
1I
SL Cx1200
++
()
×
=
(EQ. 17)
P
SL C
I
SLC
V
BH
1I
SLC x1200
++
()
×
=
(EQ. 18)
V
RING
V
BH
4.5V
+
=
(EQ. 19)
FIGURE 4. VOLTAGE FEED CURRENT SENSE DIAGRAM
+
-
+
-
VIN
VOUT
RC
RCS
RL
RB
RA
KS
FIGURE 5. DC FEED CHARACTERISTIC
m= (
∆VTR/∆IL)= 11.1kΩ
ILOOP (mA)
ILIM
VTR(OC)
V
TR OC
()
V
BL
9
=
(EQ. 20)
ISL5586


Número de pieza similar - ISL5586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586BIM RENESAS-ISL5586BIM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586BIMZ RENESAS-ISL5586BIMZ Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586CIM RENESAS-ISL5586CIM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
More results

Descripción similar - ISL5586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com