Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR381ARTZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADR381ARTZ-REEL7
Descripción Electrónicos  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR381ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR381ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADR380/ADR381
Rev. C | Page 8 of 16
HYSTERESIS (ppm)
0
10
20
30
40
50
60
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–260 –200 –140 –80 –20
40
100 160 220 280 340 400
Figure 14. ADR381 VOUT Hysteresis
TIME (1s/DIV)
2µV/DIV
1
Figure 15. ADR381 Typical Noise Voltage, 0.1 Hz to 10 Hz
TIME (10ms/DIV)
100µV/DIV
1
Figure 16. ADR381 Typical Noise Voltage, 10 Hz to 10 kHz
TIME (10µs/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0µF
VOUT
LINE INTERRUPTION
0.5V/DIV
1
2
VIN
Figure 17. ADR381 Line Transient Response
TIME (10µs/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0.1µF
VOUT
LINE INTERRUPTION
0.5V/DIV
1
2
Figure 18. ADR381 Line Transient Response
CL = 0µF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 19. ADR381 Load Transient Response with CL = 0 μF


Número de pieza similar - ADR381ARTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381ARTZ-REEL7 AD-ADR381ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Descripción similar - ADR381ARTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com