Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5123IB Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL5123IB
Descripción Electrónicos  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5123IB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL5123IB Datasheet HTML 3Page - Intersil Corporation ISL5123IB Datasheet HTML 4Page - Intersil Corporation ISL5123IB Datasheet HTML 5Page - Intersil Corporation ISL5123IB Datasheet HTML 6Page - Intersil Corporation ISL5123IB Datasheet HTML 7Page - Intersil Corporation ISL5123IB Datasheet HTML 8Page - Intersil Corporation ISL5123IB Datasheet HTML 9Page - Intersil Corporation ISL5123IB Datasheet HTML 10Page - Intersil Corporation ISL5123IB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6022.6
November 17, 2004
COM ON Leakage Current,
ICOM(ON)
V
+ = 13V, VCOM = 1V, 12V, or VNO or VNC = 1V, 12V,
or floating, (Note 7)
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 10V, RL =1kΩ, CL = 35pF, VIN = 0 to 4V
25
-
25
35
ns
Full
-
35
55
ns
Turn-OFF Time, tOFF
VNO or VNC = 10V, RL =1kΩ, CL = 35pF, VIN = 0 to 4V
25
-
17
30
ns
Full
-
26
50
ns
Break-Before-Make Time Delay
(ISL5122, ISL5123), tD
RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0 to 4V
Full
0
2
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
5
15
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
76
-
dB
Crosstalk (Channel-to-Channel)
25
-
-105
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
63
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, ISL5120/1/2
25
-
21
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V, ISL5123
25
-
28
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13V, VIN = 0V or V+, all channels on or off
Full
-1
-
1
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
ISL5120CX only
Full
2.9
-
-
V
Input Voltage High, VINH
Full
4
3
-
V
Input Current, IINH, IINL
V+ = 13V, VIN = 0V or V+
Full
-1
-
1
µA
Electrical Specifications - 12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V OR 4V
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
1k
35pF
GND
V+
C
ISL5120, ISL5121, ISL5122, ISL5123


Número de pieza similar - ISL5123IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL5123IBZ RENESAS-ISL5123IBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5123IBZ-T RENESAS-ISL5123IBZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Descripción similar - ISL5123IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com