Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5585GCM Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL5585GCM
Descripción Electrónicos  3.3V Ringing SLIC Family for Voice Over Broadband VOB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585GCM Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL5585GCM Datasheet HTML 7Page - Intersil Corporation ISL5585GCM Datasheet HTML 8Page - Intersil Corporation ISL5585GCM Datasheet HTML 9Page - Intersil Corporation ISL5585GCM Datasheet HTML 10Page - Intersil Corporation ISL5585GCM Datasheet HTML 11Page - Intersil Corporation ISL5585GCM Datasheet HTML 12Page - Intersil Corporation ISL5585GCM Datasheet HTML 13Page - Intersil Corporation ISL5585GCM Datasheet HTML 14Page - Intersil Corporation ISL5585GCM Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Complex Impedance Synthesis
Substituting the impedance programming resistor, RS, with a
complex programming network provides complex
impedance synthesis.
The reference designators in the programming network
match the evaluation board. The component RS has a
different design equation than the RS used for resistive
impedance synthesis. The design equations for each
component are provided below.
Substituting EQ 17 for VTX with AUX =0 and
∆IM= -V2W/ZL
gives us EQ 26. Note: AUX input is not used.
Substitute EQ 17 into EQ 21
Substitute EQ 26 into EQ 27
Substitute Equation 19 for RS/8k in Equation 28.
Simplifying
Substitute Equation 30 into Equation 31 and combine terms
where:
VIN = The input voltage at the -IN pinthrough resistor RIN.
AUX = Auxiliary input of SLIC. Not used for AC gains.
VSA = An internal node voltage that is a function of the loop
current and the output of the Sense Amplifier.
IX = Internal current in the SLIC that is the difference between
the input receive current and the feedback current.
IM = The AC metallic current.
RP = A protection resistor (typical 49.9Ω).
RS = An external resistor/network for matching the line
impedance.
VTR = The tip to ring voltage at the output pins of the SLIC.
V2W = The tip to ring voltage including the voltage across the
protection resistors.
ZL = The line impedance.
ZO = The source impedance of the device.
4-Wire to 2-Wire Gain
4-wire to 2-wire gain across the ISL5585 is equal to the V2W
divided by the input voltage VIN, reference Figure 4. The
receive gain is calculated using Equation 32.
Equation 33 expresses the receive gain (VIN to V2W) in
terms of network impedances. From Equation 21, the value
of RS was set to match the line impedance (ZL) to the
ISL5585 plus the protection resistors (Z0 + 2RP). This
results in a 4-wire to 2-wire gain equal to RS/RIN, as shown
in EQ. 33.
2-Wire to 4-Wire Gain
The 2-wire to 4-wire gain is equal to VTX/EG with VIN = 0,
reference Figure 4.
From Equation 30 with VIN = 0
Substituting Equation 35 into Equation 34 and simplify.
FIGURE 5. COMPLEX PROGRAMMING NETWORK
2-WIRE
NETWORK
R1
R2
C2
PROGRAMMING
NETWORK
RSeries
RParallel
CParallel
R
Series
133.3
R
1
2R
P
()
()
×
=
(EQ. 22)
R
Parallel
133.3
R
2
×
=
(EQ. 23)
C
Parallel
C
2 133.3
⁄ ·
=
(EQ. 24)
I
X
AUX
R
------------- +
V
TX
R
-----------
=
Node Equation
(EQ. 25)
at ISL5585 AUX input, Figure 4
I
X
V
TX
R
-----------
V
IN
R
---------
R
S
R
IN
----------



V
2w30
Z
L
------------------



R
S
R8k
-----------


==
(EQ. 26)
I
XR - VTR + IXR = 0
Loop Equation
(EQ. 27)
at ISL5585 feed amplifiers and load.
V
TR
2V
IN
R
S
R
IN
----------



2V
2w 30
Z
L
----------------------


 R
S
8k
--------


+
=
(EQ. 28)
V
TR
2V
IN
R
S
R
IN
----------



2V
2w 30
Z
L
----------------------


 133.33Z
O
8k
--------------------------


+
=
(EQ. 29)
V
TR
2V
IN
R
S
R
IN
----------



V
2w
Z
L
-----------



Z
O
()
+
=
(EQ. 30)
V
2W -IM2RP + VTR = 0
Loop Equation
(EQ. 31)
at Tip/Ring interface
V
2W
Z
L
Z
O
2R
P
++
Z
L
--------------------------------------
2V
IN
R
S
R
IN
----------
=
(EQ. 32)
G
4-2 =
V
2W
V
IN
------------ = 2
R
S
R
IN
----------



Z
L
Z
L
Z
O
+
+ 2
RP
----------------------------------------
2
Z
L
Z
L
Z
L
+
--------------------
R
S
R
IN
----------
==
(EQ. 33)
E
G
Z
LIM
2R
PIM
V
TR
+
+
0
=
Loop Equation
(EQ. 34)
V
TR
Z
O V2W
Z
L
--------------------
=
(EQ. 35)
E
G
V
2W
Z
L
2R
P
Z
O
++
Z
L
---------------------------------------
=
(EQ. 36)
ISL5585


Número de pieza similar - ISL5585GCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5585GCM INTERSIL-ISL5585GCM Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585GCM RENESAS-ISL5585GCM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
ISL5585GCMZ INTERSIL-ISL5585GCMZ Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585GCMZ RENESAS-ISL5585GCMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Descripción similar - ISL5585GCM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585_04 Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com