Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6119LIB Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL6119LIB
Descripción Electrónicos  USB Dual Port Power Supply Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6119LIB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6119LIB Datasheet HTML 5Page - Intersil Corporation ISL6119LIB Datasheet HTML 6Page - Intersil Corporation ISL6119LIB Datasheet HTML 7Page - Intersil Corporation ISL6119LIB Datasheet HTML 8Page - Intersil Corporation ISL6119LIB Datasheet HTML 9Page - Intersil Corporation ISL6119LIB Datasheet HTML 10Page - Intersil Corporation ISL6119LIB Datasheet HTML 11Page - Intersil Corporation ISL6119LIB Datasheet HTML 12Page - Intersil Corporation ISL6119LIB Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Using the ISL6119EVAL1 Platform
General and Biasing Information
The ISL6119EVAL1 platform, Figure 19, allows evaluation of
the ISL6119 dual power supply control IC and comparison
against a suitably sized PPTC component.
The evaluation platform is biased and monitored through
numerous test points (TP#). See Table 1 for test point
assignments and descriptions.
Upon proper bias the PPTC, F1 has a nominal 500mA load
current passing through it which is the hold current rating for
that particular device. Removal of the PPTC is necessary to
isolate the ISL6119 as the PPTC load current is common to
the ISL6119EVAL1 bias connections.
By enabling either or both of the ISL6119L switches by
signaling TP3 and/or TP4 low (<0.6V) these switches are
also loaded with a nominal 500mA current. See Figures 3
and 8 for typical ISL6119 turn-on and off waveforms.
Provided test points enable the evaluation of voltage loss
across the PPTC (TP9 - TP10) and the ISL6119 enabled
switches (TP9 - TP6 and TP7). Expect to see 50% - 300%
greater voltage loss across typical PPTC devices than the
ISL6119. See Figure 13 for a voltage loss comparison
across ISL6119 and PPTC device.
An overcurrent (OC) condition can be invoked on both the
ISL6119 and the PPTC by driving TP11 to +6V, causing SW1
to close and a nominal 1.5A load is imposed. This
represents a current over load to the ISL6119 and is thus
quickly current regulated to the 1A limit. If the OC duration
extends beyond the nominal 12ms of the internal ISL6119L
timer then the output is latched off and the fault output is
asserted by being pulled low turning on the appropriate
FAULT LED, see Figure 10. (Please note: the labeling for
FAULT-1 and FAULT-2 is reversed). The eval board is
designed to only invoke an OC condition on channel 2 (TP4)
so that a channel to channel isolation evaluation in the
presence of an OC condition can be evaluated. See
Figure 18.
The primary function of any OC protection device is to
quickly isolate the voltage bus from a faulty load. Unlike the
PPTC and other vendor available IC products, the ISL6119
internal timer that starts upon OC detection provides
consistent protection that is not temperature dependent. See
Figures 14 and 15 for a comparison of the time to protection
offered by the ISL6119 vs the PPTC. Figure 14 illustrates the
ISL6119 timed latch-off of 12ms with a 1.5A load and
Figure 15 shows the 8 second latch-off of the PPTC at
approximately its trip current rating of 1.5A.
Using the ISL6119USBEVAL1 Platform
General and Biasing Information
The ISL6119USBEVAL1 platform, Figure 20, allows
evaluation of the ISL6119 dual power supply control IC in a
USB environment.
The evaluation platform is biased and monitored through
numerous test points (TP#). See Table 2 for test point
assignments and descriptions.
Upon proper bias the ISL6119L is held off through pull up
resistors on the enable pins and is enabled by signaling
either or both of the ISL6119L switches TP3, and/or TP4 low
(<0.6V).
The USB connector is provided so that either test loads or
USB peripherals can be powered. In addition, differential
signalling (D+ and D-) access points are provided for each
output port so that I/O activity can also be conducted in a
prototype environment.
TABLE 1. ISL6119EVAL1 TEST POINT ASSIGNMENTS
TP #
DESCRIPTION
TP1
Eval Board and IC Gnd
TP2
Eval Bd +5V Bias
TP3
Enable Switch 1
TP4
Enable Switch 2
TP5
Switch 2 Fault
TP6
Switch Out 2
TP7
Switch Out 1
TP8
Switch 1 Fault
TP9
IC VIN Pin
TP10
PPTC Load Side
TP11
Invoke Over Current
TABLE 2. ISL6119USBEVAL1 TEST POINT ASSIGNMENTS
TP #
DESCRIPTION
TP1
Eval Board and IC Gnd
TP2
Eval Bd +5V Bias
TP3
Enable Switch 1
TP4
Enable Switch 2
TP5
Switch 1 Fault
TP8
Switch 2 Fault
ISL6119


Número de pieza similar - ISL6119LIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119LIB RENESAS-ISL6119LIB Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6119LIBZA INTERSIL-ISL6119LIBZA Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119LIBZA RENESAS-ISL6119LIBZA Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
More results

Descripción similar - ISL6119LIB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com