Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6124IRZA Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL6124IRZA
Descripción Electrónicos  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6124IRZA Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6124IRZA Datasheet HTML 1Page - Intersil Corporation ISL6124IRZA Datasheet HTML 2Page - Intersil Corporation ISL6124IRZA Datasheet HTML 3Page - Intersil Corporation ISL6124IRZA Datasheet HTML 4Page - Intersil Corporation ISL6124IRZA Datasheet HTML 5Page - Intersil Corporation ISL6124IRZA Datasheet HTML 6Page - Intersil Corporation ISL6124IRZA Datasheet HTML 7Page - Intersil Corporation ISL6124IRZA Datasheet HTML 8Page - Intersil Corporation ISL6124IRZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN9005.4
June 10, 2005
Pinout
ISL6123, ISL6124, ISL6125,
ISL6126, ISL6127, ISL6128 (QFN)
TOP VIEW
FIGURE 1. TYPICAL ISL6123 APPLICATION USAGE
AOUT
AIN
BIN
CIN
DIN
BOUT
COUT
DOUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
ENABLE
SYSRST#
GROUND
RESET#
VDD
4mm X 4mm
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
Pin Descriptions
PIN #
PIN NAME
FUNCTION
DESCRIPTION
23
VDD
Chip Bias
Bias IC from nominal 1.5V to 5V
10
GND
Bias Return
IC ground
1
ENABLE_1/
ENABLE#_1
Input to start on/off
sequencing.
Input to initiate the start of the programmed sequencing of supplies on or off. Enable functionality is
disabled for 10ms after UVLO is satisfied. ISL6123 has ENABLE. ISL6124, ISL6125, ISL6126 and
ISL6127 have ENABLE#. Only ISL6128 has 2 ENABLE# inputs, 1 for each 2 channel grouping.
EN_1# for (A, B), and EN_2# for (C, D).
11
ENABLE#_2
24
RESET#
RESET# Output
RESET# provides a low signal 150ms after all GATEs are fully enhanced. This delay is for stabilization of
output voltages. RESET# will assert low upon UVLO not being satisfied or ENABLE/ENABLE# being
deasserted. The RESET outputs are open drain N channel FET and is guaranteed to be in the correct state
for VDD down to 1V and is filtered to ignore fast transients on VDD and UVLO_X.
RESET#_2 only exists on ISL6128 for (C, D) group I/O.
9
RESET#_2
20
UVLO_A
Under Voltage Lock
Out/Monitoring
Input
These inputs provide for a programmable UV lockout referenced to an internal 0.633V reference and
are filtered to ignore short (<30µs) transients below programmed UVLO level.
12
UVLO_B
17
UVLO_C
14
UVLO_D
21
DLY_ON_A
Gate On Delay
Timer Output
Allows for programming the delay and sequence for Vout turn-on using a capacitor to ground. Each
cap is charged with 1µA, 10ms after turn-on initiated by ENABLE/ENABLE# with an internal current
source providing delay to the associated FETs GATE turn-on.
These pins are NC on ISL6126 and ISL6127
8DLY_ON_B
16
DLY_ON_C
15
DLY_ON_D
18
DLY_OFF_A Gate Off Delay
Timer Output
Allows for programming the delay and sequence for Vout turn-off through ENABLE/ENABLE# via a
capacitor to ground. Each cap is charged with a 1µA internal current source to an internal reference
voltage causing the corresponding gate to be pulled down turning-off the FET.
These pins are NC on ISL6127
13
DLY_OFF_B
3
DLY_OFF_C
4
DLY_OFF_D
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128


Número de pieza similar - ISL6124IRZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6124IRZA INTERSIL-ISL6124IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6124IRZA RENESAS-ISL6124IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Descripción similar - ISL6124IRZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com