Nombre de pieza
         Descripción
ISL8394

 Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches ( 11 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 20ns
tf < 20ns
tON
75%
3V
VNC
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
75%
VOUT
25%
25%
tON
tOFF
VNO
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUTS
LOGIC
INPUT
VOUT
RL
CL
COM
NO
IN
300
35pF
GND
V+
C
V-
C
VNO
C
NC
VNC
C
VOUT
∆VOUT
ON
OFF
ON
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO OR NC
V+
C
LOGIC
INPUT
IN
C
V-
80%
3V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
300
NO
NC
V+
GND
VNX
C
C
ISL8394
1  2  3  4  5  6  7  8  9  10  11 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
ISL43240Low-Voltage Single and Dual Supply Quad SPDT High Performance Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL84051Low-Voltage Single and Dual Supply 8 to 1 Multiplexer Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL84521Low-Voltage Single and Dual Supply Quad SPST Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL43140Low-Voltage Single and Dual Supply High Performance Quad SPST Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL43143Low-Voltage Single and Dual Supply Quad SPST High Performance Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL8391Low-Voltage Single and Dual Supply Quad SPST Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL43120Low-Voltage Single Supply Dual SPST SPDT Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL84541Low-Voltage Single Supply Dual SPST SPDT Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL43231Low-Voltage Single and Dual Supply Triple SPDT Analog Switch 1 2 3 4 5 MoreIntersil Corporation
ISL5120Low-Voltage Single Supply Dual SPST SPDT Analog Switches 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl