Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YSESDA0502CT3 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

No. de pieza YSESDA0502CT3
Descripción Electrónicos  BIDIRECTIONAL TVS DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESDA0502CT3 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSESDA0502CT3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESDA0502CT3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESDA0502CT3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20130322
YSESDA0502CT3
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Watts
PARAMETER
SYMBOL
VALUE
100
PPP
Peak Pulse Power (tp=8/20µs waveform)
Operating Temperature Range
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
VC
IT
TJ
-55 ~ 150
TL
260 (10 sec.)
Lead Soldering Temperature
10
VB
PART NUMBER
DEVICE
MARKING
VRWM
YSESDA0502CT3
5E
5
6
1
12
3
25
1


Número de pieza similar - YSESDA0502CT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
YSESDA05CP YEASHIN-YSESDA05CP Datasheet
893Kb / 3P
   BIDIRECTIONAL TVS DIODE
YSESDA05CT YEASHIN-YSESDA05CT Datasheet
1Mb / 4P
   Bidirectional TVS Diode
More results

Descripción similar - YSESDA0502CT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
TEPMXXC RECTRON-TEPMXXC Datasheet
250Kb / 5P
   Bidirectional TVS Diode Array
TEPMXXCM RECTRON-TEPMXXCM Datasheet
132Kb / 4P
   Bidirectional TVS Diode Array
TEPMXXMC RECTRON-TEPMXXMC Datasheet
186Kb / 4P
   Bidirectional TVS Diode Array
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
   Bidirectional TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C LEIDITECH-SMDA05C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA12C LEIDITECH-SMDA12C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA15C LEIDITECH-SMDA15C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
SMDA24C LEIDITECH-SMDA24C Datasheet
266Kb / 3P
   Bidirectional TVS Diode Array
logo
Yea Shin Technology Co....
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
   Bidirectional TVS Diode Array
logo
StarHope
TESD03FB SPSEMI-TESD03FB Datasheet
389Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com