Nombre de pieza
         Descripción
RFD15P05

 15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs ( 8 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 6 page
background image
4-101
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = -2V
Qg(-10)
VGS = -10V
Qg(TOT)
VGS = -20V
VDS
-VGS
Ig(REF)
0
0
RFD15P05, RFD15P05SM, RFP15P05
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFD15P0615A 60V 0.150 Ohm P-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD8P058A 50V 0.300 Ohm P-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFG30P0530A 50V 0.065 Ohm P-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
FSF9250D15A -200V 0.290 Ohm Rad Hard SEGR Resistant P-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFH25P08-25A -100V and -80V 0.150 Ohm P-Channel Power MOSFETs 1 2 3 4 Intersil Corporation
RFP15N1515A 150V 0.150 Ohm N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFD15N06LE15A 60V 0.065 Ohm ESD Rated Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFD16N0516A 50V 0.047 Ohm N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl