Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP64-05-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BAP64-05-HF
Descripción Electrónicos  PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAP64-05-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAP64-05-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAP64-05-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAP64-05-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF= 50 mA
1.1
V
VR=175V
10
VR=20 V
1
IF = 0.5 mA , f = 100 MHz
40
IF = 1 mA , f = 100 MHz
20
IF = 10 mA , f = 100 MHz
3.8
IF = 100 mA , f = 100 MHz
1.35
VR= 0 V, f= 1 MHz
0.52
VR= 1 V, f= 1 MHz
0.5
VR= 20 V, f= 1 MHz
0.35
Series inductance
LS
1.4
nH
Charge carrier life time
TL
when switched from IF = 10 mA to
IR = 6mA; RL = 100 Ω;
measured at IR = 3 mA
1.55
us
Reverse voltage leakage current
uA
IR
Diode capacitance
Cd
pF
Diode forward resistance
(Note.1)
rD
Ω
Note.1: Guaranteed on AQL basis: inspection level S4, AQL 1.0.
Marking
NO
BAP64-04-HF BAP64-05-HF BAP64-06-HF
Marking
4K F
5K F
6K F
IF=10mA, f=100MHz
PIN Diodes
BAP64-04/05/06-HF (KAP64-04/05/06-HF)


Número de pieza similar - BAP64-05-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP64-05 PHILIPS-BAP64-05 Datasheet
83Kb / 7P
   Silicon PIN diode
1999 Jun 16
BAP64-05 PHILIPS-BAP64-05 Datasheet
52Kb / 7P
   Silicon PIN diode
1999 Jun 16
logo
Guangdong Kexin Industr...
BAP64-05 KEXIN-BAP64-05 Datasheet
38Kb / 1P
   Silicon PIN diode
logo
SeCoS Halbleitertechnol...
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
   Small Signal General Purpose Pin Diode
logo
Micro Commercial Compon...
BAP64-05 MCC-BAP64-05 Datasheet
479Kb / 3P
   General Purpose Pin Diodes 250mW
More results

Descripción similar - BAP64-05-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com