Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7192 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADV7192
Descripción Electrónicos  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7192_15 Datasheet HTML 2Page - Analog Devices ADV7192_15 Datasheet HTML 3Page - Analog Devices ADV7192_15 Datasheet HTML 4Page - Analog Devices ADV7192_15 Datasheet HTML 5Page - Analog Devices ADV7192_15 Datasheet HTML 6Page - Analog Devices ADV7192_15 Datasheet HTML 7Page - Analog Devices ADV7192_15 Datasheet HTML 8Page - Analog Devices ADV7192_15 Datasheet HTML 9Page - Analog Devices ADV7192_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ADV7192
–6–
REV. A
5 V TIMING CHARACTERISTICS
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
2
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After This Period the First Clock Is Generated
Setup Time (Start Condition), t4
0.6
µs
Relevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
ANALOG OUTPUTS
2
Analog Output Delay
8
ns
DAC Analog Output Skew
0.1
ns
CLOCK CONTROL AND PIXEL
PORT
3
fCLOCK
27
MHz
Clock High Time, t9
82
ns
Clock Low Time, t10
83
ns
Data Setup Time, t11
6
2.5
ns
Data Hold Time, t12
5
2.0
ns
Control Setup Time, t11
6ns
Control Hold Time, t12
4ns
Digital Output Access Time, t13
13
ns
Digital Output Hold Time, t14
12
ns
Pipeline Delay, t15 (2
× Oversampling)
57
Clock Cycles
Pipeline Delay, t15 (4
× Oversampling)
67
Clock Cycles
TELETEXT PORT
4
Digital Output Access Time, t16
11
ns
Data Setup Time, t17
3ns
Data Hold Time, t18
6ns
RESET CONTROL
RESET Low Time
3
20
ns
PLL
2
PLL Output Frequency
54
MHz
NOTES
1Temperature range T
MIN to TMAX: 0
°C to 70°C.
2Guaranteed by characterization.
3Pixel Port consists of:
Data: P7–P0, Y0/P8–Y7/P15 Pixel Inputs
Control:
HSYNC, VSYNC, BLANK
Clock: CLKIN
4Teletext Port consists of:
Digital Output: TTXREQ
Data: TTX
Specifications subject to change without notice.
(VAA = 5 V
250 mV, VREF = 1.235 V, RSET1,2 = 1200 V unless otherwise noted. All
specifications TMIN to TMAX
1 unless otherwise noted.)


Número de pieza similar - ADV7192_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7192KST AD-ADV7192KST Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
More results

Descripción similar - ADV7192_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com