Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7202 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADV7202
Descripción Electrónicos  Simultaneous Sampling Video Rate Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7202 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7202_15 Datasheet HTML 2Page - Analog Devices ADV7202_15 Datasheet HTML 3Page - Analog Devices ADV7202_15 Datasheet HTML 4Page - Analog Devices ADV7202_15 Datasheet HTML 5Page - Analog Devices ADV7202_15 Datasheet HTML 6Page - Analog Devices ADV7202_15 Datasheet HTML 7Page - Analog Devices ADV7202_15 Datasheet HTML 8Page - Analog Devices ADV7202_15 Datasheet HTML 9Page - Analog Devices ADV7202_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. 0
–6–
ADV7202–SPECIFICATIONS
3.3 V SPECIFICATIONS (AVDD/DVDD = 3.3 V 5%, V
REF = 1.235 V, RSET = 1.2 k
, all specifications TMIN to TMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER REQUIREMENTS
1
AVDD/DVDD
3.14
3.3
3.46
V
Normal Power Mode
IDAC
2
18
mA
IDSC
3
8mA
Inputs at Supply
IADC
4
80
mA
Sleep Mode Current
5
350
µA
Power-Up Time
4
ms
Internal Reference
MPU PORT
6—I2C
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µsAfter this period, the first clock is
generated.
Setup Time (Start Condition), t4
0.6
µsRelevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
NOTES
1All DACs and ADCs on.
2I
DAC is the DAC supply current.
3I
DSC is the digital core supply current.
4I
ADC is the ADC supply current.
5This includes I
ADC, IDAC, and IDSC.
6Guaranteed by characterization.
Specifications subject to change without notice.


Número de pieza similar - ADV7202_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
   Simultaneous Sampling Video Rate Codec
More results

Descripción similar - ADV7202_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
   Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
   Simultaneous Sampling Video Rate Codec
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Analog Devices
ADUCM330 AD-ADUCM330 Datasheet
357Kb / 16P
   Dual channel, simultaneous sampling
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com