Nombre de pieza
         Descripción
RFP15N05L

 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs ( 5 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 5 page
background image
6-233
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 12. GATE CHARGE TEST CIRCUIT
FIGURE 13. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
IG(REF)
0
0
RFP15N05L, RFP15N06L
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFP4N05L4A 50V and 60V 0.800 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
RFD15N06LE15A 60V 0.065 Ohm ESD Rated Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76419D320A 60V 0.043 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFG50N06LE50A 60V 0.022 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76419P327A 60V 0.040 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD14N05L14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76423D320A 60V 0.037 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFD12N06RLE12A 60V 0.135 Ohm N-Channel Logic Level Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUFA76423P333A 60V 0.035 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl