Nombre de pieza
         Descripción
RFP15N08L

 15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET ( 5 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 3 page
background image
6-236
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. FORWARD BIAS SAFE OPERATING AREA
FIGURE 3. SATURATION CHARACTERISTICS
FIGURE 4. TRANSFER CHARACTERISTICS
FIGURE 5. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
FIGURE 6. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
VDS, DRAIN SOURCE VOLTAGE (V)
100
10
1
0
OPERATION IN
THIS AREA IS
LIMITED BY rDS(ON)
ID MAX CONTINUOUS
DC
OPERA
TION
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
TEMPERATURE
TC = 25
oC
VGS = 10V
01
2
3
4
5
VDS, DRAIN TO SOURCE VOLTAGE (V)
40
30
20
10
0
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 0.5% MAX
TC = 25
oC
VGS = 7.5V
VGS = 3.5V
VGS = 3V
VGS = 5V
VGS = 4.5V
VGS = 4V
VGS = 2V
VGS = 2.5V
01
2
3
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
16
14
12
10
8
6
4
2
0
-40oC
125oC
25oC
VDS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 0.5% MAX
125oC
-40oC
02468
10
12
14
16
ID, DRAIN TO SOURCE CURRENT (A)
0
VGS = 5V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 0.5% MAX
0.3
0.2
0.1
TC = 125
oC
25oC
-40oC
VGS = 10V, ID = 15A
2.0
1.5
1
0.5
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
RFP15N08L
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
RFP15N05L15A 50V and 60V 0.140 Ohm Logic Level N-Channel Power MOSFETs 1 2 3 4 5 Intersil Corporation
HUFA76504DK82.3A 80V 0.222 Ohm Dual N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF76105DK85A 30V 0.050 Ohm Dual N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF76443P375A 60V 0.0095 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76645P375A 100V 0.015 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
RFD12N06RLE17A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HP4410DY10A 30V 0.0135 Ohm Single N-Channel Logic Level Power MOSFET 1 2 3 4 5 Intersil Corporation
HUF76121SK88A 30V 0.023 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUF76413P322A 60V 0.056 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl