Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7322 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADV7322
Descripción Electrónicos  Multiformat 11-Bit HDTV Video Encoder
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7322 Datasheet(HTML) 4 Page - Analog Devices

  ADV7322_15 Datasheet HTML 1Page - Analog Devices ADV7322_15 Datasheet HTML 2Page - Analog Devices ADV7322_15 Datasheet HTML 3Page - Analog Devices ADV7322_15 Datasheet HTML 4Page - Analog Devices ADV7322_15 Datasheet HTML 5Page - Analog Devices ADV7322_15 Datasheet HTML 6Page - Analog Devices ADV7322_15 Datasheet HTML 7Page - Analog Devices ADV7322_15 Datasheet HTML 8Page - Analog Devices ADV7322_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
ADV7322
Rev. 0 | Page 4 of 92
DETAILED FEATURES
HD programmable features (720p/1080i/1035i)
2× oversampling (148.5 MHz)
Internal test pattern generator
Color hatch, black bar, flat field/frame
Fully programmable YCrCb-to-RGB matrix
Gamma correction
Programmable adaptive filter control
Programmable sharpness filter control
CGMS-A (720p/1080i)
ED programmable features (525p/625p)
8× oversampling (216 MHz output)
Internal test pattern generator
Color hatch, black bar, flat frame
Individual Y and PrPb output delay
Gamma correction
Programmable adaptive filter control
Fully programmable YCrCb-to-RGB matrix
Undershoot limiter
Macrovision Rev 1.2 (525p/625p)
CGMS-A (525p/625p)
SD programmable features
16× oversampling (216 MHz)
Internal test pattern generator
Color bars, black bar
Controlled edge rates for start and end of active video
Individual Y and PrPb output delay
Undershoot limiter
Gamma correction
Digital noise reduction (DNR)
Multiple chroma and luma filters
Luma-SSAF™ filter with programmable gain/attenuation
PrPb SSAF™
Separate pedestal control on component and
composite/S-video output
VCR FF/RW sync mode
Macrovision Rev 7.1.L1
CGMS/WSS
Closed captioning
Table 1. Standards Directly Supported1
Resolution
Interlace/
PS
Frame
Rate (Hz)
Clock
Input
(MHz)
Standard
720 × 480
I
29.97
27
ITU-R BT.656
720 × 576
I
25
27
ITU-R BT.656
720 × 480
I
29.97
24.54
NTSC Square
Pixel
720 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE 293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R BT.1358
720 × 576
P
50
27
ITU-R BT.1358
720 × 483
P
59.94
27
ITU-R BT.1362
720 × 576
P
50
27
ITU-R BT.1362
1920 ×
1035
I
30
74.25
29.97
74.1758
SMPTE 240M
1280 × 720
P
60, 50, 30,
25, 24
74.25
SMPTE 296M
23.97,
59.94,
29.97
74.1758
30, 25
74.25
1920 ×
1080
I
29.97
74.1758
SMPTE 274M
30, 25, 24
74.25
1920 ×
1080
P
23.98,
29.97
74.1758
SMPTE 274M
1 Other standards are supported in async timing mode.


Número de pieza similar - ADV7322_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7322KSTZ1 AD-ADV7322KSTZ1 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
More results

Descripción similar - ADV7322_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com