Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7330 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADV7330
Descripción Electrónicos  Multiformat 11-Bit Triple DAC Video Encoder
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7330_15 Datasheet HTML 2Page - Analog Devices ADV7330_15 Datasheet HTML 3Page - Analog Devices ADV7330_15 Datasheet HTML 4Page - Analog Devices ADV7330_15 Datasheet HTML 5Page - Analog Devices ADV7330_15 Datasheet HTML 6Page - Analog Devices ADV7330_15 Datasheet HTML 7Page - Analog Devices ADV7330_15 Datasheet HTML 8Page - Analog Devices ADV7330_15 Datasheet HTML 9Page - Analog Devices ADV7330_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
REV. B
–6–
ADV7330
TIMING SPECIFICATIONS
(VAA = 2.375 V to 2.625 V, VDD = 2.375 V to 2.625 V; VDD_IO = 2.375 V to 3.6 V, VREF = 1.235 V,
RSET = 3040
, RLOAD = 300
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions
MPU PORT
1
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
After this period, the first clock is generated
Setup Time (Start Condition), t4
0.6
µsRelevant for repeated start condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
RESET Low Time
100
ns
ANALOG OUTPUTS
Analog Output Delay
2
7ns
Output Skew
1
ns
CLOCK CONTROL AND PIXEL PORT
3
fCLK
27
MHz
Progressive scan mode
fCLK
81
MHz
HDTV mode/async mode
Clock High Time, t9
40
% of one clk cycle
Clock Low Time, t10
40
% of one clk cycle
Data Setup Time, t11
1
2.0
ns
Data Hold Time, t12
1
2.0
ns
SD Output Access Time, t13
15
ns
SD Output Hold Time, t14
5.0
ns
HD Output Access Time, t13
14
ns
HD Output Hold Time, t14
5.0
ns
PIPELINE DELAY
4
63
clk cycles
SD (2
×, 16×)
76
clk cycles
SD component mode (16
×)
35
clk cycles
PS (1
×)
41
clk cycles
PS (8
×)
36
clk cycles
HD (2
×, 1×)
NOTES
1Guaranteed by characterization.
2Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of the DAC output full-scale transition.
3Data: C [9:0]; Y [9:0], S[9:0].
Control:
HSYNC_I/P, VSYNC_I/P, BLANK_I/P, HSYNC_O/P, VSYNC_O/P, BLANK_O/P.
4SD, PS = 27 MHz, HD = 74.25 MHz.
Specifications subject to change without notice.


Número de pieza similar - ADV7330_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7330KST AD-ADV7330KST Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results

Descripción similar - ADV7330_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7330 AD-ADV7330 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7342 AD-ADV7342 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com