Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP196 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza OP196
Descripción Electrónicos  Micropower RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP196_15 Datasheet HTML 3Page - Analog Devices OP196_15 Datasheet HTML 4Page - Analog Devices OP196_15 Datasheet HTML 5Page - Analog Devices OP196_15 Datasheet HTML 6Page - Analog Devices OP196_15 Datasheet HTML 7Page - Analog Devices OP196_15 Datasheet HTML 8Page - Analog Devices OP196_15 Datasheet HTML 9Page - Analog Devices OP196_15 Datasheet HTML 10Page - Analog Devices OP196_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OP196/OP296/OP496
REV.
–7–
TEMPERATURE – C
25
20
0
–75
150
–50
–25
0
25
50
75
100
125
15
10
5
VS = 5V
VCM = 2.5V
TPC 7. Input Bias Current vs. Temperature
SUPPLY VOLTAGE – V
16
4
212
3
5
12
8
14
TPC 8. Input Bias Current vs. Supply Voltage
COMMON-MODE VOLTAGE – V
40
0
–40
–2.5
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
30
20
–20
–30
10
–10
VS = 2.5V
TA = 25 C
TPC 9. Input Bias Current vs. Common-Mode Voltage
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 1.5V
TPC 10. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 2.5V
TPC 11. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT – mA
1000
100
1
0.001
10
0.01
0.1
1
10
SOURCE
SINK
VS = 6V
TPC 12. Output Voltage to Supply Rail vs. Load Current
E


Número de pieza similar - OP196_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP196GP AD-OP196GP Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP196GS AD-OP196GS Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP196GS AD-OP196GS Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196GSZ AD-OP196GSZ Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP196GSZ-REEL AD-OP196GSZ-REEL Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results

Descripción similar - OP196_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com