Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP220EZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza OP220EZ
Descripción Electrónicos  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP220EZ Datasheet(HTML) 1 Page - Analog Devices

  OP220EZ Datasheet HTML 1Page - Analog Devices OP220EZ Datasheet HTML 2Page - Analog Devices OP220EZ Datasheet HTML 3Page - Analog Devices OP220EZ Datasheet HTML 4Page - Analog Devices OP220EZ Datasheet HTML 5Page - Analog Devices OP220EZ Datasheet HTML 6Page - Analog Devices OP220EZ Datasheet HTML 7Page - Analog Devices OP220EZ Datasheet HTML 8Page - Analog Devices OP220EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP220
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
8-Lead Hermatic Dip
(Z-Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
5
6
7
8
OP220
Dual Micropower
Operational Amplifier
+IN
V+
–IN
Q1
Q3
Q4
Q5
Q6
Q7
Q9
Q11
Q10
Q12
Q13
Q8
Q26
Q27
Q28
Q29
V–
OUTPUT
Q33
Q2
NULL*
*ACESSIBLE IN CHIP FORM ONLY
Figure 1. Simplified Schematic
FEATURES
Excellent TCVOS Match: 2
V/ C Max
Low Input Offset Voltage: 150
V Max
Low Supply Current: 100
A
Single-Supply Operation: 5 V to 30 V
Low Input Offset Voltage Drift: 0.75
V/ C Max
High Open-Loop Gain: 2,000 V/mV
High PSRR: 3
V/V
Low Input Bias Current: 12 nA
Wide Common-Mode Voltage Range: V– to Within
1.5 V of V+
Pin Compatible with 1458, LM158, and LM2904
Available in Die Form
GENERAL DESCRIPTION
The OP220 is a monolithic dual operational amplifier that can
be used either in single or dual supply operation. The low offset
voltage and input offset voltage tracking as low as 1.0
mV/∞C,
make this the first micropower precision dual operational amplifier.
The excellent specifications of the individual amplifiers com-
bined with the tight matching and temperature tracking between
channels provides high performance in instrumentation ampli-
fier designs. The individual amplifiers feature extremely low
input offset voltage, low offset voltage drift, low noise voltage,
and low bias current. They are fully compensated and protected.
Matching between channels is provided on all critical parameters
including input offset voltage, tracking of offset voltage versus
temperature, noninverting bias currents, and common-mode
rejection ratios.
PIN CONFIGURATIONS
8-Lead Plastic Dip
(P-Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
5
6
7
8
OP220
8-Lead SOIC
(S-Suffix)
+IN A
V–
+IN B
–IN B
–IN A
OUT A
V+
OUT B
1
2
3
4
5
6
7
8
8-Lead TO-99
(J-Suffix)


Número de pieza similar - OP220EZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP220EZ AD-OP220EZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220EZ AD-OP220EZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220EZ MAXWELL-OP220EZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Descripción similar - OP220EZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com