Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3N165 Datasheet(PDF) 2 Page - Calogic, LLC

No. de pieza 3N165
Descripción Electrónicos  Monolithic Dual P-Channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALOGIC [Calogic, LLC]
Página de inicio  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N165 Datasheet(HTML) 2 Page - Calogic, LLC

  3N165_15 Datasheet HTML 1Page - Calogic, LLC 3N165_15 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
gfs
Forward Transconductance
1500
3000
µSVDS = -15V, ID = -10mA, f = 1kHz
gos
Output Admittance
300
Ciss
Input Capacitance
3.0
pF
VDS = -15V, ID = -10mA, f = 1MHz (Note 4)
Crss
Reverse Transfer Capacitance
0.7
Coss
Output Capacitance
3.0
RE(Yfs)
Common Source Forward Transconductance
1200
µs
VDS = -15V, ID = -10mA, f = 100MHz (Note 4)
3N165 / 3N166
LLC
MATCHING CHARACTERISTICS
3N165
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
Yfs1 / Yfs2
Forward Transconductance Ratio
0.90
1.0
VDS = -15V, ID = -500
µA, f = 1kHz
VGS1-2
Gate Source Threshold Voltage Differential
100
mV
VDS = -15V, ID = -500
µA
∆VGS1−2
∆T
Gate Source Threshold Voltage Differential
Change with Temperature
100
µV/oC
VDS = -15V, IA = -500
µA
TA = -55
oC to +25oC
NOTES: 1. See handling precautions on 3N170 data sheet.
2. Per transistor.
3. Devices must not be tested at
±125V more than once, nor longer than 300ms.
4. For design reference only, not 100% tested.
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS018 REV A


Número de pieza similar - 3N165_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
3N165-6 LINEAR-3N165-6 Datasheet
19Kb / 2P
   MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Micross Components
3N165_TO-78 MICROSS-3N165_TO-78 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
More results

Descripción similar - 3N165_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
3N165-6 LINEAR-3N165-6 Datasheet
19Kb / 2P
   MONOLITHIC DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Micross Components
3N166_TO-78 MICROSS-3N166_TO-78 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N190_TO-78 MICROSS-3N190_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N191_TO-78 MICROSS-3N191_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N165_TO-78 MICROSS-3N165_TO-78 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N191_TO-78 MICROSS-LS3N191_TO-78 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N165 MICROSS-3N165 Datasheet
366Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
3N166 MICROSS-3N166 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N191 MICROSS-LS3N191 Datasheet
295Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
LS3N166 MICROSS-LS3N166 Datasheet
365Kb / 1P
   a monolithic dual enhancement mode P-Channel Mosfet
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com