Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR120N Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

No. de pieza IRLR120N
Descripción Electrónicos  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR120N Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  IRLR120N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
5.0V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
2
4
6
8
10
25
50
75
100
125
150
175
C
T , C as e T em perature (°C )
A
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
IRLR/U120N
2014-8-24
5
www.kersemi.com


Número de pieza similar - IRLR120N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR120N IRF-IRLR120N Datasheet
173Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
logo
Inchange Semiconductor ...
IRLR120N ISC-IRLR120N Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLR120NLPBF VISHAY-IRLR120NLPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
International Rectifier
IRLR120NPBF IRF-IRLR120NPBF Datasheet
298Kb / 11P
   HEXFET짰 Power MOSFET
IRLR120NPBF IRF-IRLR120NPBF Datasheet
275Kb / 11P
   Advanced Process Technology
More results

Descripción similar - IRLR120N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com