Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4332 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SC4332
Descripción Electrónicos  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4332 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4332_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC4332_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4332,4332-Z
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D16430EJ3V0DS00 (3rd edition)
Date Published July 2006 NS CP(K)
Printed in Japan
2002
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
The 2SC4332 and 2SC4332-Z are mold power transistors developed
for high-speed switching and feature a very low collector-to-emitter
saturation voltage.
This transistor is ideal for use in switching regulators, DC/DC
converters, motor drivers, solenoid drivers, and other low-voltage power
supply devices, as well as for high-current switching.
FEATURES
• Low collector saturation voltage
VCE(sat) = 0.3 V MAX. (IC = 3.0 A
/ IB = 0.15 A)
• Fast switching speed:
tf
≤ 0.3
μs MAX. (IC = 3.0 A)
• High DC current gain
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
60
V
Base to Emitter Voltage
VEBO
7.0
V
Collector Current (DC)
IC(DC)
5.0
A
Collector Current (pulse)
IC(pulse)
Note1
10
A
Base Current (DC)
IB(DC)
2.5
A
Total Power Dissipation
PT (TC = 25
°C)
15
W
Total Power Dissipation
PT (TA = 25
°C)
1.0
Note2, 2.0Note3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, duty cycle ≤ 50%
2.
Printing board mounted
3.
7.5 cm
2 x 0.7 mm, ceramic board mounted
PACKAGE DRAWINGS (Unit: mm)
2
13
6.5 ±0.2
5.0 ±0.2
4
2.3
2.3
0.5 ±0.1
2.3 ±0.2
1.1 ±0.2
0.5 −0.1
+0.2
0.5 −0.1
+0.2
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
ELECTRODE CONNECTION
1. Base
2. Collector
3. Emitter
4. Collector Fin
Note The depth of notch at the top of the fin is
from 0 to 0.2 mm.
TO-252 (MP-3Z)
TO-251 (MP-3)
<R>


Número de pieza similar - 2SC4332_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SC4332-Z NEC-2SC4332-Z Datasheet
34Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
   NPN Silicon Epitaxia
logo
Inchange Semiconductor ...
2SC4332-Z ISC-2SC4332-Z Datasheet
286Kb / 2P
   isc Silicon NPN Power Transistor
More results

Descripción similar - 2SC4332_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4551 NEC-2SC4551 Datasheet
140Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com