Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF3707L Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF3707L
Descripción Electrónicos  Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF3707L Datasheet(HTML) 4 Page - International Rectifier

  IRF3707L Datasheet HTML 1Page - International Rectifier IRF3707L Datasheet HTML 2Page - International Rectifier IRF3707L Datasheet HTML 3Page - International Rectifier IRF3707L Datasheet HTML 4Page - International Rectifier IRF3707L Datasheet HTML 5Page - International Rectifier IRF3707L Datasheet HTML 6Page - International Rectifier IRF3707L Datasheet HTML 7Page - International Rectifier IRF3707L Datasheet HTML 8Page - International Rectifier IRF3707L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF3707/3707S/3707L
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
1
10
100
0
500
1000
1500
2000
2500
3000
V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Crss

Coss

Ciss
0
10
20
30
40
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G

I =
D
24.8A

V
= 15V
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 175 C
J
°
1
10
100
1000
1
10
100

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS

10us

100us

1ms

10ms


Número de pieza similar - IRF3707L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3707L IRF-IRF3707L Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707LPBF IRF-IRF3707LPBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
IRF3707LPBF IRF-IRF3707LPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results

Descripción similar - IRF3707L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3709 IRF-IRF3709 Datasheet
121Kb / 11P
   Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com