Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF4905S Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF4905S
Descripción Electrónicos  Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF4905S Datasheet(HTML) 5 Page - International Rectifier

  IRF4905S Datasheet HTML 1Page - International Rectifier IRF4905S Datasheet HTML 2Page - International Rectifier IRF4905S Datasheet HTML 3Page - International Rectifier IRF4905S Datasheet HTML 4Page - International Rectifier IRF4905S Datasheet HTML 5Page - International Rectifier IRF4905S Datasheet HTML 6Page - International Rectifier IRF4905S Datasheet HTML 7Page - International Rectifier IRF4905S Datasheet HTML 8Page - International Rectifier IRF4905S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF4905S/L
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
VDS
-10V
Pulse Width
≤ 1µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
25
50
75
100
125
150
175
0
20
40
60
80
T , Case Temperature
( C)
°
C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Número de pieza similar - IRF4905S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
IRF4905S KERSEMI-IRF4905S Datasheet
4Mb / 10P
   Advanced Process Technology
logo
International Rectifier
IRF4905S IRF-IRF4905S Datasheet
174Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF4905S ISC-IRF4905S Datasheet
444Kb / 4P
   isc P-Channel MOSFET Transistor
2023-9-5
logo
International Rectifier
IRF4905SPBF IRF-IRF4905SPBF Datasheet
357Kb / 11P
   HEXFET Power MOSFET
IRF4905SPBF IRF-IRF4905SPBF_15 Datasheet
366Kb / 12P
   Advanced Process Technology
More results

Descripción similar - IRF4905S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com